Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33886 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33886 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33886
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33886 Pin Connections
Table 1. 33886 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 15.
Pin Number
Pin Name
Formal Name
Definition
1
AGND
Analog Ground
Low-current analog signal ground.
2
FS
Fault Status for H-
Bridge
Open drain active Low Fault Status output requiring a pull-up resistor to 5.0 V.
3
IN1
Logic Input Control 1
True logic input control of OUT1 (i.e., IN1 logic High = OUT1 logic High).
4, 5, 16
V
+
Positive Power Supply
Positive supply connections.
6, 7
OUT1
H-Bridge Output 1
Output 1 of H-Bridge.
8, 20
DNC
Do Not Connect
Either do not connect (leave floating) or connect these pins to ground in the application.
They are test mode pins used in manufacturing only.
9–12
PGND
Power Ground
Device high-current power ground.
13
D2
Disable 2
Active Low input used to simultaneously tri-state disable both H-Bridge outputs. When
D2 is logic Low, both outputs are tri-stated.
14, 15
OUT2
H-Bridge Output 2
Output 2 of H-Bridge.
17
CCP
Charge Pump Capacitor External reservoir capacitor connection for internal charge pump capacitor.
18
D1
Disable 1
Active High input used to simultaneously tri-state disable both H-Bridge outputs. When
D1 is logic High, both outputs are tri-stated.
19
IN2
Logic Input Control 2
True logic input control of OUT2 (i.e., IN2 logic High = OUT2 logic High).
DNC
AGND
IN2
D1
CCP
V+
OUT2
OUT2
D2
PGND
PGND
FS
V+
OUT1
OUT1
DNC
PGND
PGND
IN1
V+
1
2
3
4
5
6
7
8
9
10
20
19
16
15
14
13
12
11
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com