Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33899_10 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33899_10 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33899_10 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33899_10 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33899_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33899_10 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33899_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33899_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33899_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33899
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FAULT DETECTION DURING ON STATE
While the H-Bridge circuit is in operation (i.e., when a high
side MOSFET is ON), the 33899 is capable of detecting both
shorts to VIGNP and shorts to ground. A short will cause the
appropriate MOSFETs to current limit. The current limit is
active for numerous retry periods until an over-temperature
condition is reached, at which time all outputs are turned
OFF.
All ON-state faults must be present for a period of time that
exceeds the fault time before the 33899 will consider them
valid. Once they are valid, they are latched until the SPI has
reported these faults to the microcontroller via the DO pin and
a logic [1] is written to the FLTCLR bit.
In order for the user to be certain that all detectable ON-
state faults have been reported, a minimum ON time is
required for the low side MOSFET. For example, if the PWM
frequency is 11 kHz, ON-state fault detection would not be
guaranteed for duty cycles of less than 11%.
Thermal Shutdown
The H-Bridge has thermal protection circuitry. A thermal
fault sets the thermal shutdown bits (and any other faults that
may be present at that time) and latches off. The H-Bridge will
remain disabled until the microprocessor sets the FLTCLR bit
(refer to Table 8, page 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com