Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33899 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33899
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
on the DI pin. This allows the processor to distinguish a
shorted DI pin condition. The DO output continues to transmit
the input data from the DI input until CS eventually transitions
from a logic [0] to a logic [1].
The DO output pin is in a high-impedance condition unless
CS
is low, at least one enable pin is high and VCC and VCCL
are within the normal operating range. When active, the
output is “rail to rail”, depending on the voltage at the VDDQ
pin.
SERIAL DATA INPUT (DI)
The DI input takes data from the microprocessor while CS
is asserted (low). The MSB is the first bit of each word
received on DI and the LSB is the last bit of each word
received on DI. The 33899 serially wraps around the DI input
bits to the DO output after the DO output transmits its fault
flag bits. The first 8 bits before CS goes high are latched into
the Control register. Any bytes transmitted before the last 8
bits are just wrapped around to the DO output and are not
used by the 33899 (see Figure 10).
This pin has TTL-level compatible input voltages, which
allow proper operation with microprocessors using a 3.3 V to
5.0 V supply.
Figure 10. SPI Operation with Extended CS
LOGIC OUT BIAS (VDDQ)
The VDDQ input pin provides the bias voltage for the data
out buffer and LS Comparator. It must be connected to the
same power supply that is used by the microprocessor’s SPI
I/O.
CS*
DI/
SCLK
DO
Fault/Temp Data (1 Byte)
1st DI Byte
DI Control Register (1 Byte)
Not Used (1 Byte)
CS
DI/
SCLK
DO
Not Used (1 Byte)
DI Control Register (1 Byte)
First DI Byte
Fault/Temperature Data (1 Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com