Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33981_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33981
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
The 33981 has 2 operating modes: Sleep and Normal
depending on EN input.
SLEEP MODE
Sleep Mode is the state of the 33981 when the EN is
logic [0]. In this mode, OUT, the gate driver for the external
MOSFET, and all unused internal circuitry are off to minimize
current draw.
NORMAL MODE
The 33981 will go to the Normal operating mode when the
EN pin is logic [1]. The INHS and INLS commands will be
disabled tON after the EN transitions to logic [1] to enable the
charge of the bootstrap capacitor.
PROTECTION AND DIAGNOSTIC FEATURES
UNDER-VOLTAGE
The 33981 incorporates under-voltage protection. In case
of VPWR<VPWR(UV), the OUT is switched OFF until the power
supply rises to VPWR(UV)+VPWR(UVHYS). The latched fault are
reset below VPWR(UV). The FS output pin reports the under-
voltage fault in real time.
OVER-TEMPERATURE FAULT
The 33981 incorporates over-temperature detection and
shutdown circuitry on OUT. Over-temperature detection also
protects the low side gate driver (GLS pin). Over-temperature
detection occurs when OUT is in the ON or OFF state and
GLS is at high or low level.
For OUT, an over-temperature fault condition results in
OUT turning OFF until the temperature falls below TSD. This
cycle will continue indefinitely until the offending load is
removed. Figure 12 and Figure 18 show an over-temperature
on OUT.
An over-temperature fault on the low side gate drive
results in OUT turning OFF and the GLS going to 0V until the
temperature falls below TSD. This cycle will continue until the
offending load is removed. FS pin transition to logic [1] will be
disabled typically tON after to enable the charge of the
bootstrap capacitor.
Over-temperature faults force the TEMP pin to 0 V.
OVER-CURRENT FAULT ON HIGH SIDE
The OUT pin has an over-current high-detection level
called IOCH for maximum device protection. If at any time the
current reaches this level, OUT will stay OFF and the CSNS
pin will go to 0V. The OUT pin is reset (and the fault is
delatched) by a logic [0] at the INHS pin for at least tRST(DIAG).
When INHS goes to 0 V, CSNS goes to 5.0 V.
In Figure 15, the OUT pin is short-circuited to 0V. When
the current reaches IOCH, OUT is turned OFF within tOCH
owing to internal logic circuit.
OVER-LOAD FAULT ON LOW SIDE
This fault detection is active when INLS is logic [1]. Low
side overload protection does not measure the current
Table 5. Operating Modes
Condition
CONF INHS
INLS
OUT
GLS
FS
EN
Comments
Sleep
x
x
x
x
x
H
L
Device is in Sleep Mode. The OUT and low side gate are OFF.
Normal
L
H
H
H
H
H
H
Normal Mode. High side and low side are controlled
independently. The high side and the low side are both on.
Normal
L
L
L
L
L
H
H
Normal Mode. High side and low side are controlled
independently. The high side and the low side are both off.
Normal
L
L
H
L
H
H
H
Normal Mode. Half-bridge configuration. The high side is off
and the low side is on.
Normal
L
H
L
H
L
H
H
Normal Mode. Half-bridge configuration. The high side is on
and the low side is off.
Normal
H
PWM
H
PWM
PWM_bar
H
H
Normal Mode. Cross-conduction management is activated.
Half-bridge configuration.
H = High level
L = Low level
x = Don’t care
PWM_bar = Opposite of pulse-width modulation signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com