Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33984B Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33984B Datasheet HTML 1Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33984
PIN CONNECTIONS
11
SO
Output
Serial Output
This output pin is connected to the SPI serial data input pin of the MCU
or to the SI pin of the next device of a daisy chain of devices.
12
IN1
Input
Direct Input 1
This input pin is used to directly control the output HS1.
13
GND
Ground
Ground
This pin is the ground for the logic and analog circuitry of the device.
14
VPWR
Input
Positive Power Supply
This pin connects to the positive power supply and is the source input
of operational power for the device.
15
HS1
Output
High Side Output 1
Protected 4.0 m
Ω high side power output to the load.
16
HS0
Output
High Side Output 0
Protected 4.0 m
Ω high side power output to the load.
Table 2. Pin Definitions (continued)
Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 17.
Pin
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com