Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34825 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34825 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34825
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34825 Pin Connections
Table 1. 34825 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section on page 13.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
SPK_R
Input
Speaker right channel
Right channel input for speaker signals
2
SPK_L
Input
Speaker left channel
Left channel input for speaker signals
3
MIC
Output
Microphone output
Microphone output to the baseband of the cell phone system
4
D+
IO
D+ of the USB
transceiver
D+ line of the USB transceiver
5
D-
IO
D- of the USB
transceiver
D- line of the USB transceiver
6
RXD
Output
UART receiver
Receive line of the UART
7
TXD
Input
UART transmitter
Transmit line of the UART
8
NC
No Connection
No Connection
No Connection
9
VDDIO
Input
IO power supply
IO supply voltage. The VDDIO voltage is used as the reference voltage
for the I2C bus signals. This pin also functions as a hardware reset to
the IC.
10
NC
No Connection
No Connection
No Connection
11
VDD
Input
Power supply
IC power supply input
12
INT
Output
Interrupt output
Open-drain interrupt output
13
I2C_SDA
IO
I2C data
Data line of the I2C interface
14
I2C_SCL
Input
I2C clock
Clock line of the I2C interface
15
OUT
Output
Power output
The output of the power MOSFET pass switch
16
ISET
Output
Charge current setting
Open-drain output to set the charger current
17
VBUS
Input
VBUS power supply
VBUS line of the Mini or micro-USB connector
TRANSPARENT
TOP VIEW
SPK_R
SPK_L
MIC
D+
D-
VDD
INT
I2C_SDA
I2C_SCL
OUT
GND
1
2
3
4
5
67
8
9
10
11
12
13
14
15
16
17
18
19
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com