Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5602DXLH Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5602DXLH
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DXLH Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5602DXLH Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602DXLH Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602DXLH Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DXLH Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602DXLH Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602DXLH Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602DXLH Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602DXLH Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602DXLH Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
Electrical characteristics
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
21
The fast external crystal oscillator consumption is dependent on the OSCILLATOR_MARGIN bit value.
4.4
Absolute maximum ratings
Table 6. OSCILLATOR_MARGIN field description1
1 See the device reference manual for more information on the NVUSRO register.
Value2
2 '1' is delivery value. It is part of shadow Flash, thus programmable by customer.
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)
Table 7. Absolute maximum ratings
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR — Digital ground on VSS_HV pins
—
0
0
V
VDD
SR — Voltage on VDD_HV pins with respect to
ground (VSS)
—
0.3
6.0
V
VSS_LV
SR — Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground (VSS)
—VSS  0.1 VSS +0.1
V
VDD_BV SR — Voltage on VDD_BV pin (regulator supply)
with respect to ground (VSS)
—
0.3
6.0
V
Relative to VDD
VDD  0.3 VDD +0.3
VSS_ADC SR — Voltage on VSS_HV_ADC (ADC
reference) pin with respect to ground (VSS)
—VSS  0.1 VSS +0.1
V
VDD_ADC SR — Voltage on VDD_HV_ADC pin (ADC
reference) with respect to ground (VSS)
—
0.3
6.0
V
Relative to VDD
VDD  0.3 VDD +0.3
VIN
SR — Voltage on any GPIO pin with respect to
ground (VSS)
—
0.3
6.0
V
Relative to VDD
VDD  0.3 VDD +0.3
IINJPAD
SR — Injected input current on any pin during
overload condition
—
10
10
mA
IINJSUM
SR — Absolute sum of all injected input currents
during overload condition
—
50
50
mA
IAVGSEG SR — Sum of all the static I/O current within a
supply segment1
1 Supply segments are described in Section 4.7.5, “I/O pad current specification.
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—70
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—64
ICORELV SR — Low voltage static current sink through
VDD_BV
——
150
mA
TSTORAGE SR — Storage temperature
—
55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com