Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCLHM080 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CCLHM080
Description  SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CCLHM080 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CCLHM080 Datasheet HTML 1Page - Central Semiconductor Corp CCLHM080 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CCLHM080
THRU
CCLHM150
SURFACE MOUNT
HIGH CURRENT SILICON
CURRENT LIMITING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CCLHM080
series types are high current silicon field effect current
regulator diodes designed for applications requiring
a constant current over a wide voltage range. These
devices are manufactured in the cost effective SOD-
80 double plug case which provides many benefits to
the user including space saving and improved thermal
characteristics. Special selections of IP (regulator
current) are available for critical applications.
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
FEATURES:
• Low Cost
• High Reliability
• Smaller Case Size than Competition
• Special Selections Available
• Superior Lot to Lot Consistency
• Leaded Devices Available
MAXIMUM RATINGS: (TL=75°C)
SYMBOL
UNITS
Peak Operating Voltage
POV
50
V
Power Dissipation
PD
800
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Type
Regulator
Current
(Note 1)
IP @ VT=25V
Minimum
Dynamic
Impedance
ZT @ VT=25V
Minimum
Knee
Impedance
ZK @ VK=6.0V
Maximum
Limiting
Voltage
VL @ IL=0.8 x IP MIN
Temperature
Coefficient
(Note 2)
TC
MIN
(mA)
NOM
(mA)
MAX
(mA)
V
%/°C
CCLHM080
6.56
8.2
9.84
0.32
15
3.1
-0.25 to -0.45
CCLHM100
8.0
10.0
12.0
0.17
6.0
3.5
-0.25 to -0.45
CCLHM120
9.6
12.0
14.4
0.08
3.0
3.8
-0.25 to -0.45
CCLHM150
12.0
15.0
18.0
0.03
2.0
4.3
-0.25 to -0.45
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
Notes:
1) Pulsed Method: Pulse Width (ms) = 27.5 divided by IP NOM (mA)
2) The Temperature Coefficient is measured between + 25°C and +50°C.
SOD-80 CASE
R6 (4-January 2010)
www.centr a lsemi.com


Similar Part No. - CCLHM080

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLHM080 CENTRAL-CCLHM080 Datasheet
103Kb / 2P
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
More results

Similar Description - CCLHM080

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLHM080 CENTRAL-CCLHM080 Datasheet
103Kb / 2P
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
CCL0035 CENTRAL-CCL0035 Datasheet
75Kb / 2P
CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035_10 Datasheet
308Kb / 2P
SURFACE MOUNT SILICON CURRENT LIMITING DIODE
CMJ0130 CENTRAL-CMJ0130 Datasheet
742Kb / 3P
SURFACE MOUNT SILICON CURRENT LIMITING DIODE
CMPD1001 CENTRAL-CMPD1001_10 Datasheet
523Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON SWITCHING DIODE
1N5283 CENTRAL-1N5283 Datasheet
341Kb / 2P
SILICON CURRENT LIMITING DIODE DESCRIPTION:
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com