Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTCV60TLM24T3G Datasheet(PDF) 13 Page - Microsemi Corporation

Part # APTCV60TLM24T3G
Description  CoolMOS & Trench Field Stop IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTCV60TLM24T3G Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button APTCV60TLM24T3G Datasheet HTML 5Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 6Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 7Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 8Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 9Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 10Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 11Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 12Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 13Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
APTCV60TLM24T3G
www.microsemi.com
13 - 13
CR2 & CR3 Typical performance curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.4
0.8
1.2
1.6
2
2.4
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
TJ=25°C
TJ=125°C
0
10
20
30
01
23
4
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
Energy losses vs Collector Current
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
25
30
IC (A)
VCE = 800V
VGE = 15V
RG = 5Ω
TJ = 125°C
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
25
30
Gate resistance (ohms)
Switching Energy Losses vs Gate Resistance
VCE = 800V
VGE =15V
IC = 15A
TJ = 125°C
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com