Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL4728A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL4728A
Description  SURFACE MOUNT SILICON ZENER DIODE 1 WATT, 3.3 THRU 100 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4728A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL4728A Datasheet HTML 1Page - Central Semiconductor Corp CLL4728A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLL4728A THRU CLL4764A
SURFACE MOUNT
SILICON ZENER DIODE
1 WATT, 3.3 THRU 100 VOLTS
TYPE
ZENER
VOLTAGE
TEST
CURRENT
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
CURRENT
MAXIMUM
CURRENT
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
V
mAΩ
ΩmA
μA
V
mA
CLL4752A
33
7.5
45
1000
0.25
5.0
25.1
135
CLL4753A
36
7.0
50
1000
0.25
5.0
27.4
125
CLL4754A
39
6.5
60
1000
0.25
5.0
29.7
115
CLL4755A
43
6.0
70
1500
0.25
5.0
32.7
110
CLL4756A
47
5.5
80
1500
0.25
5.0
35.8
95
CLL4757A
51
5.0
95
1500
0.25
5.0
38.8
90
CLL4758A
56
4.5
110
2000
0.25
5.0
42.6
80
CLL4759A
62
4.0
125
2000
0.25
5.0
47.1
70
CLL4760A
68
3.7
150
2000
0.25
5.0
51.7
65
CLL4761A
75
3.3
175
2000
0.25
5.0
56
60
CLL4762A
82
3.0
200
3000
0.25
5.0
62.2
55
CLL4763A
91
2.8
250
3000
0.25
5.0
69.2
50
CLL4764A
100
2.5
350
3000
0.25
5.0
76
45
ELECTRICAL CHARACTERISTICS - Continued: (TA=25 °C) VF=1.2MAX @ IF =200mA (for all types)
MELF CASE - MECHANICAL OUTLINE
MARKING: CATHODE BAND
www.centr a lsemi.com
R4 (21-April 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com