Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5002 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5002
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5002 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5002 Datasheet HTML 1Page - Microsemi Corporation 2N5002 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/534
T4-LDS-0038 Rev. 2 (081508)
Page 2 of 2
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward-Current Transfer Ratio
IC = 50mAdc, VCE = 5.0Vdc
IC = 2.5Adc, VCE = 5.0Vdc
IC = 5.0Adc, VCE = 5.0Vdc
2N5002
20
30
20
---
90
---
IC = 50mAdc, VCE = 5.0Vdc
IC = 2.5Adc, VCE = 5.0Vdc
IC = 5.0Adc, VCE = 5.0Vdc
2N5004
hFE
50
70
40
---
200
---
Base-Emitter Voltage Non-Saturated
VCE = 5.0Vdc, IC = 2.5Adc
VBE
1.45
Vdc
Collector-Emitter Saturation Voltage
IC = 2.5Adc, IB = 250mAdc
IC = 5.0Adc, IB = 500mAdc
VCE(sat)
0.75
1.5
Vdc
Base-Emitter Saturation Voltage
IC = 2.5Adc, IB = 250mAdc
IC = 5.0Adc, IB = 500mAdc
VBE(sat)
1.45
2.2
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small-Signal Short-Circuit. Forward Current
Transfer Ratio
IC = 500mA, VCE = 5.0Vdc, f = 10MHz
2N5002
2N5004
|hfe|
6.0
7.0
Output Capacitance
VCB = 10Vdc
Cobo
250
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
IC = 5Adc; IB1 = 500mAdc
ton
0.5
μs
Storage Time
IB2 = -500mAdc
ts
1.4
μs
Fall Time
VBE(OFF) = 3.7Vdc
tf
0.5
μs
Turn-Off Time
RL = 6Ω
toff
1.5
μs
SAFE OPERATING AREA
DC Tests
TC = +25°C, VCE = 0, tp = 1s, 1 Cycle
Test 1
VCE = 12Vdc, IC = 5.0Adc
Test 2
VCE = 32Vdc, IC = 1.7Adc
Test 3
VCE = 80Vdc, IC = 100mAdc



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com