Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7372 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N7372
Description  PNP POWER SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N7372 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N7372 Datasheet HTML 1Page - Microsemi Corporation 2N7372 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP POWER SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/612
T4-LDS-0045 Rev. 1 (072805)
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (CONT.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 0.05Adc, VCE = 5.0Vdc
IC = 2.5Adc, VCE = 5.0Vdc
IC = 5.0Adc, VCE = 5.0Vdc
hFE1
hFE2
hFE3
50
70
40
---
200
---
Base-Emitter Non-Saturated Voltage
VCE = 5.0Vdc, IC = 2.5Adc
VBE
1.45
Vdc
Base-Emitter Saturation Voltage
IC = 2.5Adc, IB = 0.25Adc
IC = 5.0Adc, IB = 0.5Adc
VBE(sat)1
VBE(sat)2
1.45
2.2
Vdc
Collector-Emitter Saturation Voltage
IC = 2.5Adc, IB = 0.25Adc
IC = 5.0Adc, IB = 0.5Adc
VCE(sat)1
VCE(sat)2
0.75
1.5
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Common Emitter Small Signal, Short Circuit Forward Current Transfer Ratio
VCE = 5Vdc, IC = 100mAdc, f = 1kHz
hfe
50
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 0.5Adc, VCE = 5Vdc, f = 10MHz
|hfe|
7.0
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
250
pF
SAFE OPERATING AREA
DC Tests
TC = +25°C, 1 Cycle, t = 1s
Test 1
VCE = 12Vdc, IC = 5.0Adc
Test 2
VCE = 32Vdc, IC = 1.5Adc
Test 3
VCE = 80Vdc, IC = 100mAdc
(3) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com