Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2484UB Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2484UB
Description  NPN SILICON LOW POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2484UB Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2484UB Datasheet HTML 1Page - Microsemi Corporation 2N2484UB Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON LOW POWER TRANSISTOR
Qualified per MIL-PRF-19500/376
T4-LDS-0058 Rev. 1 (080853)
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Emitter-Base Cutoff Current
VEB = 5.0Vdc
VEB = 6.0Vdc
IEBO
2.0
10
ηAdc
μAdc
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 1.0μAdc, VCE = 5.0Vdc
IC = 10μAdc, VCE = 5.0Vdc
IC = 100μAdc, VCE = 5.0Vdc
IC = 500μAdc, VCE = 5.0Vdc
IC = 1.0mAdc, VCE = 5.0Vdc
IC = 10mAdc, VCE = 5.0Vdc
hFE
45
200
225
250
250
225
500
675
800
800
800
Collector-Emitter Saturation Voltage
IC = 1.0mAdc, IB = 100μAdc
VCE(sat)
0.3
Vdc
Base-Emitter Voltage
VCE = 5.0Vdc, IC = 100μAdc
VBE(ON)
0.5
0.7
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Current Transfer Ratio
IC = 50μAdc, VCE = 5.0Vdc, f = 5.0MHz
IC = 500μAdc, VCE = 5.0Vdc, f = 30MHz
|hfe|
3.0
2.0
0.7
Open Circuit Output Admittance
IC = 1.0mAdc, VCE = 5.0Vdc, f = 1.0kHz
hoe
40
μmhos
Open Circuit Reverse-Voltage Transfer Ratio
IC = 1.0mAdc, VCE = 5.0Vdc, f = 1.0kHz
hre
8.0 x 10
-4
Input Impedance
IC = 1.0mAdc, VCE = 5.0Vdc, f = 1.0kHz
hje
3.5
24
k
Ω
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0mAdc, VCE = 5.0Vdc, f = 1.0kHz
hfe
250
900
Output Capacitance
VCB = 5.0Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
5.0
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
6.0
pF
(2) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com