Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4449 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4449
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4449 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4449 Datasheet HTML 1Page - Microsemi Corporation 2N4449 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/317
T4-LDS-0057 Rev. 2 (081394)
Page 1 of 2
DEVICES
LEVELS
2N2369A
2N2369AUB
2N4449
JAN
2N2369AU
2N2369AUBC *
JANTX
2N2369AUA
JANTXV
JANS
* Available to JANS quality level only.
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
2N2369A / U / UA
2N4449 / UB / UBC
VCEO
15
20
Vdc
Emitter-Base Voltage
2N2369A / U / UA
2N4449 / UB / UBC
VEBO
4.5
6.0
Vdc
Collector-Base Voltage
VCBO
40
Vdc
Collector-Emitter Voltage
ICES
40
Vdc
Total Power Dissipation @
TA = +25°C
2N2369A; 2N4449
UA, UB, UBC
U
PT
0.36
(1)
0.36
(1, 5)
0.50
(4)
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Value
Unit
Thermal Resistance, Ambient-to-Case
2N2369A; 2N4449
UA, UB, UBC
U
RθJA
400
400
(5)
350
°C/W
Note:
1.
Derate linearly 2.06 mW°/C above TA = +25°C.
2.
Derate linearly 4.76 mW°/C above TC = +95°C.
3.
Derate linearly 3.08 mW°/C above TC = +70°C.
4.
Derate linearly 3.44 mW°/C above TA = +54.5°C.
5.
Mounted on FR-4 PCB (1Oz. Cu) with contacts 20 mils larger than package pads.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
V(BR)CEO
15
Vdc
Collector-Base Cutoff Current
VCE = 20Vdc
ICES
0.4
μAdc
TO-18 (TO-206AA)
2N2369A
TO-46 (TO-206AB)
2N4449
SURFACE MOUNT
UA
SURFACE MOUNT
UB & UBC
(UBC = Ceramic Lid Version)
SURFACE MOUNT
U (Dual Transistor)


Similar Part No. - 2N4449

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4449 SEMICOA-2N4449 Datasheet
30Kb / 1P
Chip Type 2C2369A Geometry 0005 Polarity NPN
logo
Microsemi Corporation
2N4449 MICROSEMI-2N4449 Datasheet
66Kb / 2P
NPN SILICON SWITCHING TRANSISTOR
logo
Central Semiconductor C...
2N4449 CENTRAL-2N4449 Datasheet
54Kb / 1P
Small Signal Transistors
logo
Semicoa Semiconductor
2N4449 SEMICOA-2N4449 Datasheet
314Kb / 2P
Silicon NPN Transistor
logo
Microsemi Corporation
2N4449 MICROSEMI-2N4449 Datasheet
54Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - 2N4449

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com