Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMDZ2L2 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMDZ2L2
Description  SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ2L2 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMDZ2L2 Datasheet HTML 1Page - Central Semiconductor Corp CMDZ2L2 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMDZ1L8 THRU CMDZ47L
SURFACE MOUNT SILICON
LOW LEVEL ZENER DIODE
250mW, 1.8 THRU 47 VOLTS
±5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
TEMPERATURE
COEFFICIENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
ΘV
Z
V
V
V
μA
Ω
μA
V
%/°C
CMDZ16L
15.20
16
16.80
500
80
1.0
14
+0.083
ZP
CMDZ18L
17.10
18
18.90
500
80
1.0
16
+0.085
1P
CMDZ20L
19.00
20
21.00
500
100
1.0
18
+0.086
2P
CMDZ22L
20.90
22
23.10
500
100
1.0
20
+0.087
3P
CMDZ24L
22.80
24
25.20
500
120
1.0
22
+0.088
4P
CMDZ27L
25.65
27
28.35
500
150
1.0
24
+0.090
5P
CMDZ30L
28.50
30
31.50
500
200
1.0
27
+0.091
6P
CMDZ33L
31.35
33
34.65
500
250
1.0
30
+0.092
7P
CMDZ36L
34.20
36
37.80
500
300
1.0
33
+0.093
8P
CMDZ39L
37.05
39
40.95
500
350
1.0
36
+0.094
9P
CMDZ43L
40.85
43
45.15
500
400
1.0
40
+0.095
AR
CMDZ47L
44.65
47
49.35
500
450
1.0
44
+0.095
BR
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=0.9V Max @ IF=10mA (for all types)
www.centr a lsemi.com
R10 (21-October 2010)
SOD-323 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Cathode
2) Anode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com