Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5666 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5666
Description  NPN POWER SILICON SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5666 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5666 Datasheet HTML 1Page - Microsemi Corporation 2N5666 Datasheet HTML 2Page - Microsemi Corporation 2N5666 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/455
T4-LDS-0062 Rev. 1 (081095)
Page 2 of 3
ELECTRICAL CHARACTERISTICS (con’t)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERTICS
Forward-Current Transfer Ratio
IC = 0.5Adc, VCE = 2.0Vdc
2N5664, 2N5666
2N5665, 2N5667
40
25
IC = 1.0Adc, VCE = 5.0Vdc
2N5664, 2N5666
2N5665, 2N5667
40
25
120
75
IC = 3.0Adc, VCE = 5.0Vdc
2N5664, 2N5666
2N5665, 2N5667
15
10
IC = 5.0Adc, VCE = 5.0Vdc
All Types
hFE
5.0
Collector-Emitter Saturation Voltage
IC = 3.0Adc, IB = 0.3Adc
2N5664, 2N5666
0.4
IC = 3.0Adc, IB = 0.6Adc
2N5665, 2N5667
0.4
IC = 5.0Adc, IB = 1.0Adc
All Types
VCE(sat)
1.0
Vdc
Base-Emitter Saturation Voltage
IC = 3.0Adc, IB = 0.3Adc
2N5664, 2N5666
1.2
IC = 3.0Adc, IB = 0.6Adc
2N5665, 2N5667
1.2
IC = 5.0Adc, IB = 1.0Adc
All Types
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
IC = 0.5Adc, VCE = 5.0Vdc, f = 10MHz
|hfe|
2.0
7.0
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
120
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
VCC = 100Vdc; IC = 1.0Adc; IB1 = 30mAdc
ton
0.25
μs
Turn-Off Time
VCC = 100Vdc; IC = 1.0Adc; IB1 = -IB2 = 50mAdc
2N5664, 2N5666
2N5665, 2N5667
toff
1.5
2.0
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com