Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7574 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC7574
Description  1/2 Duty VFD Driver with Key Input Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7574 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC7574 Datasheet HTML 9Page - Sanyo Semicon Device LC7574 Datasheet HTML 10Page - Sanyo Semicon Device LC7574 Datasheet HTML 11Page - Sanyo Semicon Device LC7574 Datasheet HTML 12Page - Sanyo Semicon Device LC7574 Datasheet HTML 13Page - Sanyo Semicon Device LC7574 Datasheet HTML 14Page - Sanyo Semicon Device LC7574 Datasheet HTML 15Page - Sanyo Semicon Device LC7574 Datasheet HTML 16Page - Sanyo Semicon Device LC7574 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Relationship between the Segment and Digit Outputs
• Figure 5 shows the case where the display data is set up so that the segment outputs S1 to S41 output the VSS level
with the same timing as the G1 and G2 digit outputs, and output the VFL level with the same timing as the G2 digit
output. Here, the segments corresponding to G2 will be turned on. The relationship between t3 and the oscillator
frequency fOSC in this case is t3 = 2048/fOSC.
• The G1 and G2 digit output waveforms in example 1 correspond to a dimmer data (DM0 to DM9) set to 3FEH. The
relationship between t1 and the oscillator frequency fOSC is t1 = 2/fOSC. Note that t1 and t2 in example 1 are identical
times.
• The G1 and G2 digit output waveforms in example 2 correspond to a dimmer data (DM0 to DM9) set to a smaller
value. Although t1 does not change, t2 becomes longer. Here, if the dimmer data (DM0 to DM9) is set to 1FFH and the
oscillator frequency fOSC is 1.6 MHz, then t2 can be calculated as follows.
• If the dimmer data (DM0 to DM9) is set to an even smaller value, t2 will become even longer as shown in example 3.
Note that t1 does not change in this case as well.
No. 6142-13/18
LC75742E, LC75742W
Example 1
S1 to S41
Example 2
Example 3
t2 = t3 – t1
× (1FF
H +1)
=
1024
fOSC
= 0.64 [ms]
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com