Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3810 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3810
Description  PNP SILICON DUAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3810 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3810 Datasheet HTML 1Page - Microsemi Corporation 2N3810 Datasheet HTML 2Page - Microsemi Corporation 2N3810 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP SILICON DUAL TRANSISTOR
Qualified per MIL-PRF-19500 /336
T4-LDS-0118 Rev. 1 (091095)
Page 2 of 3
ELECTRICAL CHARACTERISTICS (con’t)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERTICS
Forward-Current Transfer Ratio
IC = 10μAdc, VCE = 5.0Vdc
IC = 100μAdc, VCE = 5.0Vdc
IC = 1.0mAdc, VCE = 5.0Vdc
IC = 10mAdc, VCE = 5.0Vdc
2N3810, 2N3810L , 2N3810U
hFE
100
150
150
125
450
450
IC = 1.0μAdc, VCE = 5.0Vdc
IC = 10μAdc, VCE = 5.0Vdc
IC = 100μAdc, VCE = 5.0Vdc
IC = 1.0mAdc, VCE = 5.0Vdc
IC = 10mAdc, VCE = 5.0Vdc
2N3811, 2N3811L, 2N3811U
hFE
75
225
300
300
250
900
900
Collector-Emitter Saturation Voltage
IC = 100μAdc, IB = 10μAdc
IC = 1.0mAdc, IB = 100μAdc
VCE(sat)
0.2
0.25
Vdc
Base-Emitter Saturation Voltage
IC = 100μAdc, IB = 10μAdc
IC = 1.0mAdc, IB = 100μAdc
VBE(sat)
0.7
0.8
Vdc
Base-Emitter Non-Saturation Voltage
VCE = 5.0Adc, IC = 100μAdc
VBE
0.7
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio, Magnitude
IC = 500μAdc, VCE = 5.0Vdc, f = 30MHz
IC = 1.0mAdc, VCE = 5.0Vdc, f = 100MHz
|hfe|
1.0
1.0
5.0
Small-Signal Short Circuit Forward Current Transfer Ratio
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N3810, 2N3810L , 2N3810U
2N3811, 2N3811L , 2N3811U
hfe
150
300
600
900
Small-Signal Short Circuit Input Impedance
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N3810, 2N3810L , 2N3810U
2N3811, 2N3811L , 2N3811U
hje
3.0
3.0
30
40
k
Ω
Small-Signal Short Circuit Output Admittance
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N3810, 2N3810L , 2N3810U
2N3811, 2N3811L , 2N3811U
hoe
5.0
60
μmhos
Output Capacitance
VCB = 5.0Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
5.0
pF
Input Capacitance
VEB = 5.0Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
CIbo
8.0
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com