Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4029 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N4029
Description  PNP SILICON SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4029 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N4029 Datasheet HTML 1Page - Microsemi Corporation 2N4029 Datasheet HTML 2Page - Microsemi Corporation 2N4029 Datasheet HTML 3Page - Microsemi Corporation 2N4029 Datasheet HTML 4Page - Microsemi Corporation 2N4029 Datasheet HTML 5Page - Microsemi Corporation 2N4029 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0157 Rev. 2 (101305)
Page 2 of 6
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
hFE
IC = 100μAdc, VCE = 5.0Vdc
50
IC = 100mAdc, VCE = 5.0Vdc
100
300
IC = 500mAdc, VCE = 5.0Vdc
70
IC = 1.0Adc, VCE = 5.0Vdc
25
IC = 500mAdc, VCE = 5.0Vdc, TA = -55°C
30
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
IC = 1.0Adc, IB = 100mAdc
0.15
0.50
1.0
Base-Emitter Voltage
VBE(sat)
Vdc
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
0.9
1.2
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small–Signal Short-Circuit Forward
Current Transfer Ratio
|hfe|
IC = 50mAdc, VCE = 10Vdc, f = 100MHz
1.5
6.0
Output Capacitance
Cobo
20
pF
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Input Capacitance
Cibo
80
pF
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
On-Time
VCC = 31.9Vdc; IC = 500mAdc; IB1 = 50mAdc
td
15
ηs
Rise Time
VCC = 31.9Vdc; IC = 500mAdc; IB1 = 50mAdc
tr
25
ηs
Storage Time
VCC = 31.9V, IC = 500madc, IB1 = 50mAdc
ts
175
ηs
Fall Time
VCC = 31.9V, IC = 500madc, IB1 = 50mAdc
tf
35
ηs
(4) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com