Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4033 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # 2N4033
Description  PNP SILICON SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4033 Datasheet(HTML) 5 Page - Microsemi Corporation

  2N4033 Datasheet HTML 1Page - Microsemi Corporation 2N4033 Datasheet HTML 2Page - Microsemi Corporation 2N4033 Datasheet HTML 3Page - Microsemi Corporation 2N4033 Datasheet HTML 4Page - Microsemi Corporation 2N4033 Datasheet HTML 5Page - Microsemi Corporation 2N4033 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0157 Rev. 2 (101305)
Page 5 of 6
Dimensions
Dimensions
Ltr.
Inches
Millimeters Note
Ltr.
Inches
Millimeters
Note
Min
Max
Min
Max
Min
Max
Min
Max
A
.061
.075
1.55
1.91
3
D2
.0375 BSC
0.952 BSC
A1
.029
.041
0.74
1.04
D3
.155
3.94
B1
.022
.028
0.56
0.71
E
.215
.225
5.46
5.72
B2
.075 REF
1.91 REF
E3
.225
5.72
B3
.006
.022
0.15
0.56
5
L1
.032
.048
0.81
1.22
D
.145
.155
3.68
3.93
L2
.072
.088
1.83
2.24
D1
.045
.055
1.14
1.39
L3
.003
.007
0.08
0.18
5
NOTES:
1 Dimensions are in inches.
2 Millimeters equivalents are given for general information only.
3 Dimension “A” controls the overall package thickness. When a window lid is used, dimension “A” must increase by a
minimum of .010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm).
4 The corner shape (square, notch, radius, etc) may vary at the manufacturer’s option, from that shown on the drawing.
5 Dimensions “B3” minimum and “L3” minimum and the appropriately castellation length define an unobstructed three-
dimensional space traversing all of the ceramic layers in which a castellation was designed. (Castellations are required on
bottom two layers, optional on top ceramic layer.) Dimension “B3” maximum and “L3” maximum define the maximum width
and depth of the castellation at any point on its surface. Measurement of these dimensions may be made prior to solder dipping.
6 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 3. Physical dimensions, surface mount (UA version).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com