Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6274 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6274
Description  NPN POWER SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6274 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6274 Datasheet HTML 1Page - Microsemi Corporation 2N6274 Datasheet HTML 2Page - Microsemi Corporation 2N6274 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
T4-LDS-0163 Rev. 1 (100546)
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 1.0Adc, VCE = 4.0Vdc
IC = 20Adc, VCE = 4.0Vdc
IC = 50Adc, VCE = 4.0Vdc
hFE
50
30
10
120
Collector-Emitter Saturation Voltage
IC = 20Adc, IB = 2.0Adc
IC = 50Adc, IB = 10Adc
VCE(sat)
1.0
3.0
Vdc
Base-Emitter Saturation Voltage
IC = 20Adc, IB = 2.0Adc
VBE(sat)
1.8
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small-Signal Short-Circuit, Forward
Current Transfer Ratio
IC = 1.0Adc, VCE = 10Vdc, f = 10MHz
|hfe|
3.0
12
Output Capacitance
VCB = 10Vdc, IE = 0, f = 1.0MHz
Cobo
600
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
VCC = 80Vdc; IC = 20Adc; IB = 2.0Adc
ton
0.5
μs
Turn-Off Time
VCC = 80Vdc ; IC = 20Adc; IB1 = -IB2 = 2.0Adc
toff
1.05
μs
SAFE OPERATING AREA
DC Tests
TC = +25°C, 1 Cycle, t = 1.0s
Test 1
VCE = 5.0Vdc, IC = 50Adc
All Types
Test 2
VCE = 8.6Vdc, IC = 165mAdc
All Types
Test 3
VCE = 80Vdc, IC = 29mAdc
2N6274
Test 4
VCE = 120Vdc, IC = 110mAdc
2N6277
(2) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com