Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6300 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6300
Description  NPN DARLINGTON POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6300 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6300 Datasheet HTML 1Page - Microsemi Corporation 2N6300 Datasheet HTML 2Page - Microsemi Corporation 2N6300 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0171 Rev. 1 (101129)
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
hFE
IC = 1.0Adc, VCE = 3.0Vdc
500
IC = 4.0Adc, VCE = 3.0Vdc
750
18,000
IC = 8.0Adc, VCE = 3.0Vdc
100
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 4.0Adc, IB = 16mAdc
IC = 8.0Adc, IB = 80mAdc
2.0
3.0
Base-Emitter Saturation Voltage
VBE(sat)
Vdc
IC = 8.0Adc, IB = 80mAdc
4.0
Base-Emitter Voltage
VBE(on)
Vdc
IC = 4.0Adc, VCE = 3.0Vdc
2.8
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small–Signal Short-Circuit
Forward Current Transfer Ratio
|hfe|
IC = 3.0Adc, VCE = 3.0Vdc, f = 1.0MHz
25
350
Small-Signal Short-Circuit Forward Current Transfer Ratio
hfe
IC = 3.0Adc, VCE = 3.0Vdc, f = 1.0KHz
300
Output Capacitance
Cobo
200
pF
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
VCC = 30Vdc; IC = 4.0Adc; IB1 = 16mAdc
ton
2.0
µs
Turn-Off Time
VCC = 30Vdc; IC = 4.0Adc; IB1 = IB2 = 16mAdc
toff
8.0
µs
SAFE OPERATING AREA
DC Test
TC = 25°C, 1 cycle, t = 1.0s
Test 1
VCE = 8.0Vdc, IC = 8.0Adc
Test 2
VCE = 20Vdc, IC = 2.0Adc
Test 3
VCE = 60Vdc, IC = 100mAdc
VCE = 80Vdc, IC = 100mAdc
2N6300
2N6301
(2) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com