Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3866 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3866
Description  NPN SILICON HIGH-FREQUENCY TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3866 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3866 Datasheet HTML 1Page - Microsemi Corporation 2N3866 Datasheet HTML 2Page - Microsemi Corporation 2N3866 Datasheet HTML 3Page - Microsemi Corporation 2N3866 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0175 Rev. 1 (101096)
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
hFE
IC = 100μAdc, VCE = 5.0Vdc
2N3866, 2N3866UB
15
200
2N3866A, 2N3866AUB
25
200
IC = 360mAdc, VCE = 5.0Vdc
2N3866, 2N3866UB
5
2N3866A, 2N3866AUB
8
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 100mAdc, IB = 10mAdc
1.0
Collector-Emitter Cutoff Current – High Temperature Operation
ICES2
mAdc
VCE = 55Vdc
TA = +150°C
2.0
Forward Current Transfer Ratio – Low Temperature Operation
HFE3
VCE = 5.0Vdc
IC = 50mAdc, TA = -55°C
2N3866, 2N3866UB
7
2N3866A, 2N3866AUB
12
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small–Signal Short-Circuit Forward
Current Transfer Ratio
|hfe|
IC = 50mAdc, VCE = 15Vdc, f = 100MHz
2N3866, 2N3866UB
2N3866A, 2N3866AUB
2.5
4.0
8.0
7.5
Output Capacitance
Cobo
3.5
pF
VCB = 28Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
POWER OUTPUT CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Power Output
VCC = 28Vdc; Pin = 0.15W; f = 400MHz *
VCC = 28Vdc; Pin = 0.075W; f = 400MHz *
P1out
P2out
1.0
0.5
2.0
W
Collector Efficiency
VCC = 28Vdc; Pin = 0.15W; f = 400MHz
VCC = 28Vdc; Pin = 0.075W; f = 400MHz
* See Figure 4 on /398
n1
n2
45
40
%
Clamp Inductive
Collector-Emitter Breakdown Voltage
VBE = 1.5Vdc
IC = 40mAdc
V(BR)CEX
55
Vdc
(4) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com