Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM3737 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM3737
Description  SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM3737 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM3737 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM3737 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current (Steady State)
ID
540
mA
Maximum Pulsed Drain Current (tp=10μs)
IDM
1.5
A
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR VGS=4.5V, VDS=0
5.0
μA
IDSS
VDS=16V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=250μA
20
V
VGS(th)
VDS=VGS, ID=250μA
0.45
1.0
V
VSD
VGS=0, IS=350mA
1.2
V
rDS(ON)
VGS=4.5V, ID=540mA
0.55
Ω
rDS(ON)
VGS=2.5V, ID=500mA
0.7
Ω
rDS(ON)
VGS=1.8V, ID=350mA
0.9
Ω
Qg(tot)
VDS=10V, VGS=4.5V, ID=500mA
1.58
nC
Qgs
VDS=10V, VGS=4.5V, ID=500mA
0.17
nC
Qgd
VDS=10V, VGS=4.5V, ID=500mA
0.24
nC
CMLDM3737
SURFACE MOUNT
DUAL N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLDM3737
consists of Dual N-Channel Enhancement-mode silicon
MOSFETs designed for high speed pulsed amplifier
and driver applications. These MOSFETs offer Very
Low rDS(ON) and Low Threshold Voltage.
MARKING CODE: 7C3
FEATURES:
• ESD Protection up to 2kV
• 350mW Power Dissipation
• Very Low rDS(ON)
• Low Threshold Voltage
• Logic Level Compatible
• Small, SOT-563 Surface Mount Package
• Complementary Dual P-Channel Device: CMLDM5757
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
APPLICATIONS:
• Load Switch / Level Shifting
• Battery Charging
• Boost Switch
• Electro-luminescent Backlighting
SOT-563 CASE
R1 (28-October 2010)
www.centr a lsemi.com


Similar Part No. - CMLDM3737

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM3737 CENTRAL-CMLDM3737 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs
CMLDM3737 CENTRAL-CMLDM3737_15 Datasheet
605Kb / 3P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs in miniature SOT-563 package
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs in miniature SOT-563 package
More results

Similar Description - CMLDM3737

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMRDM3590 CENTRAL-CMRDM3590_10 Datasheet
422Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMXDM7002A CENTRAL-CMXDM7002A_10 Datasheet
497Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMKDM8005 CENTRAL-CMKDM8005 Datasheet
488Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7005 CENTRAL-CMLDM7005 Datasheet
592Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM7003T-M563D CENTRAL-CTLDM7003T-M563D Datasheet
641Kb / 2P
SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D Datasheet
475Kb / 2P
SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7002A CENTRAL-CMLDM7002A_15 Datasheet
963Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
CMLDM7003 CENTRAL-CMLDM7003_15 Datasheet
730Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
CMLDM8002A CENTRAL-CMLDM8002A_15 Datasheet
995Kb / 4P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D_15 Datasheet
475Kb / 2P
SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT- SILICON MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com