Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6989 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # 2N6989
Description  MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6989 Datasheet(HTML) 5 Page - Microsemi Corporation

  2N6989 Datasheet HTML 1Page - Microsemi Corporation 2N6989 Datasheet HTML 2Page - Microsemi Corporation 2N6989 Datasheet HTML 3Page - Microsemi Corporation 2N6989 Datasheet HTML 4Page - Microsemi Corporation 2N6989 Datasheet HTML 5Page - Microsemi Corporation 2N6989 Datasheet HTML 6Page - Microsemi Corporation 2N6989 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0177 Rev. 1 (101229)
Page 5 of 7
PACKAGE DIMENSIONS
Dimensions
Dimensions
Symbol
Inches
Millimeters
Notes
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
Min
Max
Min
Max
CH
.030
.115
0.76
2.92
BW3
.030
0.76
LW
.010
.019
0.25
0.48
7
LS
.050 BSC
1.27 BSC
6, 8
TL
.008
.015
0.20
0.38
12
LT
.003
.006
0.076
0.152
7
BL
.280
7.11
5
LL
.250
.370
6.35
9.40
BW
.240
.260
6.10
6.60
LD2
.005
.040
0.13
1.02
4
LU
.290
7.37
5
LO
.005
0.13
9, 10
BW2
.125
3.18
LO3
.004
13
α
30°
90°
30°
90°
14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com