Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM8120G Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLDM8120G
Description  SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM8120G Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLDM8120G Datasheet HTML 1Page - Central Semiconductor Corp CMLDM8120G Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLDM8120
CMLDM8120G*
SURFACE MOUNT
P-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNITS
gFS
VDS=10V, ID=0.81A
2.0
S
Crss
VDS=16V, VGS=0, f=1.0MHz
80
pF
Ciss
VDS=16V, VGS=0, f=1.0MHz
200
pF
Coss
VDS=16V, VGS=0, f=1.0MHz
60
pF
ton
VDD=10V, VGS=4.5V, ID=0.95A, RG=6Ω
20
ns
toff
VDD=10V, VGS=4.5V, ID=0.95A, RG=6Ω
25
ns
LEAD CODE:
1) Drain
2) Drain
3) Gate
4) Source
5) Drain
6) Drain
MARKING CODES:
CMLDM8120: C81
CMLDM8120G*: C8G
* Device is Halogen Free by design
www.centr a lsemi.com
R3 (18-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com