Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR Datasheet(PDF) 1 Page - Tyco Electronics

Part # MSR
Description  Miniature Power PCB Relay MSR / V23061
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MSR Datasheet(HTML) 1 Page - Tyco Electronics

  MSR Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
De
ecclla
arra
attiio
on
n o
off C
Co
on
nffo
orrm
miittyy
1
RoHS Product Declaration
Issued 03/2006
Rev. FC1
www.tycoelectronics.com
www.schrackrelays.com
Declarations and updates
available at schrackrelays.com
in the ‘Schrack’ section.
Information subject to change.
M
Miin
niia
attu
urre
e P
Po
ow
we
err P
PC
CB
B R
Re
ella
ayy M
MS
SR
R // V
V2233006611 (page 1/1)
D
De
ecclla
arra
attiio
on
n o
off C
Co
on
nffo
orrm
miittyy
I
I T
Th
he
e M
Miin
niia
attu
urre
e P
Po
ow
we
err P
PC
CB
B R
Re
ella
ayyss M
MS
SR
R a
arre
e cco
om
mp
plliia
an
ntt tto
o tth
he
e
D
Diirre
eccttiivve
e 22000022 // 9955 // E
EC
C,, R
Re
essttrriiccttiio
on
n o
off H
Ha
azza
arrd
do
ou
uss S
Su
ub
bsstta
an
ncce
ess,,
''R
Ro
oH
HS
S--D
Diirre
eccttiivve
e''
These relays are compliant to the DIRECTIVE 2002/95/EC OF THE
EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January
2003 (RoHS) on the restriction of the use of certain hazardous
substances in electrical and electronic equipment. The parts do not
exceed the maximum concentrations of 0.1% by weight in
homogenous materials for lead, hex chrome, mercury, PBB, PBDE,
and 0.01% for cadmium, or qualify for an exemption to the above
limits as defined in the Annex of the RoHS Directive.
Products with AgNi and AgSnO2 contacts do not contain cadmium
and are fully compliant. Product versions with AgCdO contacts qualify
for an exemption as listed in the Annex.
Materials 1)
Pb - Lead
none 2)
as per production code 0404
see datails under 'lead-free conversion' below
Cd - Cadmium
versions with AgNi and AgSnO2 contacts: none 2)
versions with AgCdO contacts: used in contacts - exempt as per Annex to the RoHS Directive 3)
Hg - Mercury
none 2)
Cr6 - Hexavalent Chromium
none 2)
PBB - Polybrominated Biphenyls
none 2)
PBDE - Polybrominated Diphenylethers
none 2)
1) Materials as restricted by the Directive 2002 / 95 / EC, 'RoHS Directive' and the Directive 2000 / 35 / EC, 'ELV-Directive'
2) Materials are not intentionally added and below limits set forth by the RoHS and ELV Directives
3) Versions with AgCdO contacts qualify for an exemption (‘Cadmium and its compounds in electrical contacts...’ )and are compliant with
reference to paragraph 4 of the RoHS Directive.
Lead-free conversion
With the conversion to lead-free solder for internal solder points and pre-tinning of pins,
these products have been converted by 19.01.2004 and are completely lead-free as per
production code 0404 (see product marking on the product, e.g. production code 0404
refers to week 04 2004)
Please note that for logistics reasons deliveries with products produced prior to this
production code is possible
Pins
pre-tinned Sn99.3Cu0.7
Label marking
Packages containing products compliant with the RoHS-Directive are identified by the
information ‘2002/95/EC (RoHS) Comp.’, 'RoHS compl.' or 'Lead-Free' (see samples);
for Miniature Power PCB Relays MSR all these markings identify these products being
compliant with the RoHS Directive.
This information is provided based on reasonable inquiry of our suppliers and represents our current actual knowledge based on the
information provided by our suppliers. This information is subject to change. This information does not in any way modify existing purchase
specifications or existing contractual or other agreement terms between Tyco Electronics Corporation (or its affiliated companies) and its
customers.
This statement covers this product range with production date code 0404 (see above) as supplied by Tyco Electronics. Since conditions of
use are outside our control, Tyco Electronics makes no warranties, express or implied, and assumes no liability in connection with any use
of this information.
F0143-C
RoHS Comp.
LEAD FREE
2002/95/EC/(RoHS) Comp.


Similar Part No. - MSR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
MSR MACOM-MSR Datasheet
174Kb / 3P
High inrush currents with AgSnO contacts
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
logo
Riedon Powertron
MSR RIEDON-MSR Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR-1 RIEDON-MSR-1 Datasheet
224Kb / 1P
Bare Metal Element Resistors
More results

Similar Description - MSR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
2-1393222-0 MACOM-2-1393222-0 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
2-1393222-3 MACOM-2-1393222-3 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
2-1393222-7 MACOM-2-1393222-7 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
2-1393223-1 MACOM-2-1393223-1 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
2-1393223-5 MACOM-2-1393223-5 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
2-1393223-6 MACOM-2-1393223-6 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
V23061A1002A302 MACOM-V23061A1002A302 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
V23061A1004A302 MACOM-V23061A1004A302 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
V23061B1005A401 MACOM-V23061B1005A401 Datasheet
255Kb / 3P
Miniature Power PCB Relay MSR V23061
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com