Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLT4413 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLT4413
Description  SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT4413 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLT4413 Datasheet HTML 1Page - Central Semiconductor Corp CMLT4413 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLT4413
SURFACE MOUNT
COMPLEMENTARY NPN/PNP
SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25°C)
NPN (Q1)
PNP (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
hie
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
15
1.5
15
kΩ
hre
VCE=10V, IC=1.0mA, f=1.0kHz
0.1
8.0
0.1
8.0
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
40
500
60
500
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
30
1.0
100
μS
td
VCC=30V, VBE=2.0V, IC=150mA, IB1=15mA
-
15
-
15
ns
tr
VCC=30V, VBE=2.0V, IC=150mA, IB1=15mA
-
20
-
20
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
-
225
-
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
-
30
-
30
ns
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter Q1
2) Base Q1
3) Collector Q2
4) Emitter Q2
5) Base Q2
6) Collector Q1
MARKING CODE: PC3
PIN CONFIGURATION
www.centr a lsemi.com
R1 (20-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com