Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFN Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCFN
Description  Power PCB Relay PCFN Solar
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCFN Datasheet(HTML) 2 Page - Tyco Electronics

  PCFN_09 Datasheet HTML 1Page - Tyco Electronics PCFN_09 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Power PCB Relay PCFN Solar (Continued)
Dimensions
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
2500 Vrms
Clearance / creepage coil-contact circuit
6.1 / 6.1 mm
Material group of insulation parts
III
Tracking index of relay base
PTI 175
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
basic
open contact circuit
full disconnection 1.5 mm
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
Other data
Mechanical endurance
1x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant
Environment
Ambient temperature range1)
-25...+75°C
-25...+85°C at 22 A
Vibration resistance (function)
10 g
Shock resistance (function)
10 g
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Processing
Mounting
pcb
Mounting position
any
Mounting distance
W 10 mm
Resistance to soldering heat
260°C / 5 s
Relay weight
28 g
Packaging unit
20 / 500
1)
Ambient temperature > 23°C requires reduction of coil voltage to 4.4...< 6 V after 100 ms
S0548-A
PCB layout / terminal assignment
Bottom view on solder pins
S0547-AB
S0547-AA
Product key
Version
Contact configuration
Contact material
Coil
Part number
PCFN-112H2MG
PCB, flux tight
1 NO contact
AgSnO2
12 VDC
1721929-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com