Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF Datasheet(PDF) 2 Page - Tyco Electronics

Part # PTF
Description  Miniature Power Relay PTF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTF Datasheet(HTML) 2 Page - Tyco Electronics

  PTF Datasheet HTML 1Page - Tyco Electronics PTF Datasheet HTML 2Page - Tyco Electronics PTF Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Miniature Power Relay PTF (Continued)
Coil versions, AC-coil 50 / 60 Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
LED
voltage
voltage
voltage
resistance
power
50 / 60 Hz
50 / 60 Hz
50 / 60 Hz
VAC
VAC
VAC
Ohm
VA
506
R06
6
4.8 / 5.4
1.8
11
+10%
1.0 / 0.85
512
R12
12
9.6 /10.8
3.6
48
+10%
1.0 / 0.85
524
R24
24
19.2 / 21.6
7.2
192
+10%
1.0 / 0.79
548
R48
48
38.4 / 43.2
14.4
777
+10%
1.0 / 0.87
560
R60
60
48.0 / 54.0
18.0
1306
+10%
1.0 / 0.87
615
S15
115
92.0 /103.5
34.5
4845
+12%
1.0 / 0.86
730
T30
230
184.0 / 207.0
69.0
19465
+15%
1.0 / 0.90
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1200 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 3.1 / 3.1 mm
adjacent contact circuits
W 4.4 / 8.8 mm
Material group of insulation parts
IIIa
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
basic
open contact circuit
micro disconnection
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
Other data
Mechanical endurance DC coil
20x106 cycles
AC coil
15x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant
Environment
Ambient temperature range
-40...+70°C
Vibration resistance (function) NO / NC contact
7 / 4 g
Shock resistance (function) NO / NC contact
20 / 5 g
Category of protection
RTII - flux proof
Processing
Resistance to soldering heat
270°C / 10 s
Relay weight
30 g
Packaging unit
20 pcs
Dimensions
Solder- and plug-in terminals (standard version)
PCB version
S0505-BB
S0505-BA
PCB layout / terminal assignment
Bottom view on pins
S0507-AA
S0507-AB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com