Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR Datasheet(PDF) 2 Page - Tyco Electronics

Part # SNR
Description  Slimline PCB Relay SNR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SNR Datasheet(HTML) 2 Page - Tyco Electronics

  SNR Datasheet HTML 1Page - Tyco Electronics SNR Datasheet HTML 2Page - Tyco Electronics SNR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Slimline PCB Relay SNR (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
1 CO contact
1 NO contact
Vertical version
Flat pack version
S0258-AA
S0258-AB
S0258-AC
S0284-A
S0283-A
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 6 / 8 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
micro disconnection
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
230 / 400 V
Overvoltage category
III
Other data
Mechanical endurance
10x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0404
Environment
Ambient temperature range
-40...+85°C
Vibration resistance (function) NO / NC contact
10 / 5 g
Shock resistance (function) NO / NC contact
10 / 5 g
Shock resistance (destruction)
30 g
Category of protection
RTIII - wash tight
Processing
Mounting
pcb
Mounting position
any
Minimum mounting distance
W 0 mm
Resistance to soldering heat1)
260°C / 5 s
Relay weight
6 g
Packaging unit
20 / 1000 pcs
1) for flat pack version selective soldering is recommended.
Accessories
For details see datasheet
Accessories SNR
Version for DIN-rail socket
S0283-AB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com