Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7S Datasheet(PDF) 3 Page - Tyco Electronics

Part # T7S
Description  Miniature Power PCB Relay T7S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T7S Datasheet(HTML) 3 Page - Tyco Electronics

  T7S Datasheet HTML 1Page - Tyco Electronics T7S Datasheet HTML 2Page - Tyco Electronics T7S Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
3
Miniature Power PCB Relay T7S (Continued)
Product key
Version
Cont. material
Cont.configuration
Coil
Part number
T7SV1E6-05
flux proof
AgZnO
1 NO contact
5 VDC
1721382-1
T7SV1E6-06
6 VDC
1721382-2
T7SV1E6-09
9 VDC
1721382-3
T7SV1E6-12
12 VDC
1721382-4
T7SV1E6-24
24 VDC
1721382-5
T7SV5E6-05
1 CO contact
5 VDC
1721381-1
T7SV5E6-06
6 VDC
1721381-2
T7SV5E6-09
9 VDC
1721381-3
T7SV5E6-12
12 VDC
1721381-4
T7SV5E6-24
24 VDC
1721381-5
T7SV1E6-05-WG
flux proof
1 NO contact
5 VDC
2-1721382-5
T7SV1E6-06-WG
according
6 VDC
2-1721382-6
T7SV1E6-09-WG
IEC 60335-1
9 VDC
2-1721382-7
T7SV1E6-12-WG
12 VDC
2-1721382-8
T7SV1E6-24-WG
24 VDC
2-1721382-9
T7SV5E6-05-WG
1 CO contact
5 VDC
2-1721381-5
T7SV5E6-06-WG
6 VDC
2-1721381-6
T7SV5E6-09-WG
9 VDC
2-1721381-7
T7SV5E6-12-WG
12 VDC
2-1721381-8
T7SV5E6-24-WG
24 VDC
2-1721381-9
T7SS1E6-05
wash tight
1 NO contact
5 VDC
1721382-7
T7SS1E6-06
6 VDC
1721382-8
T7SS1E6-09
9 VDC
1721382-9
T7SS1E6-12
12 VDC
1-1721382-0
T7SS1E6-24
24 VDC
1-1721382-1
T7SS5E6-05
1 CO contact
5 VDC
1721381-7
T7SS5E6-06
6 VDC
1721381-8
T7SS5E6-09
9 VDC
1721381-9
T7SS5E6-12
12 VDC
1-1721381-0
T7SS5E6-24
24 VDC
1-1721381-1
T7SS1E6-05-WG
wash tight
1 NO contact
5 VDC
3-1721382-1
T7SS1E6-06-WG
according
6 VDC
3-1721382-2
T7SS1E6-09-WG
IEC 60335-1
9 VDC
3-1721382-3
T7SS1E6-12-WG
12 VDC
3-1721382-4
T7SS1E6-24-WG
24 VDC
3-1721382-5
T7SS5E6-05-WG
1 CO contact
5 VDC
3-1721381-1
T7SS5E6-06-WG
6 VDC
3-1721381-2
T7SS5E6-09-WG
9 VDC
3-1721381-3
T7SS5E6-12-WG
12 VDC
3-1721381-4
T7SS5E6-24-WG
24 VDC
3-1721381-5
T7SV1E4-05
flux proof
AgNi 90/10
1 NO contact
5 VDC
1721735-1
T7SV1E4-06
6 VDC
1721735-2
T7SV1E4-09
9 VDC
1721735-3
T7SV1E4-12
12 VDC
1721733-4
T7SV1E4-24
24 VDC
1721735-5
T7SV5E4-05
1 CO contact
5 VDC
1721734-1
T7SV5E4-06
6 VDC
1721734-2
T7SV5E4-09
9 VDC
1721734-3
T7SV5E4-12
12 VDC
1721734-4
T7SV5E4-24
24 VDC
1721734-5
T7SV1E4-05-WG
flux proof
1 NO contact
5 VDC
2-1721735-5
T7SV1E4-06-WG
according
6 VDC
2-1721735-6
T7SV1E4-09-WG
IEC 60335-1
9 VDC
2-1721735-7
T7SV1E4-12-WG
12 VDC
2-1721735-8
T7SV1E4-24-WG
24 VDC
2-1721735-9
T7SV5E4-05-WG
1 CO contact
5 VDC
2-1721734-5
T7SV5E4-06-WG
6 VDC
2-1721734-6
T7SV5E4-09-WG
9 VDC
2-1721734-7
T7SV5E4-12-WG
12 VDC
2-1721734-8
T7SV5E4-24-WG
24 VDC
2-1721734-9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com