Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLT8099M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT8099M
Description  SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT8099M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT8099M Datasheet HTML 1Page - Central Semiconductor Corp CMLT8099M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLT8099M
SURFACE MOUNT
DUAL, MATCHED
NPN SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLT8099M
consists of two individual, isolated 8099 NPN silicon
transistors with matched VBE(ON) characteristics.
This PICOmini™ device is manufactured by the
epitaxial planar process and epoxy molded in an
SOT-563 surface mount package.
MARKING CODE: 8CM
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
6.0
V
Continous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
0.1
µA
IEBO
VBE=6.0V
0.1
µA
BVCBO
IC=100µA
80
V
BVCEO
IC=10mA
80
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=100mA, IB=5.0mA
0.4
V
VCE(SAT)
IC=100mA, IB=10mA
0.3
V
VBE(ON)
VCE=5.0V, IC=10mA
0.6
0.8
V
hFE
VCE=5.0V, IC=1.0mA
100
300
hFE
VCE=5.0V, IC=10mA
100
hFE
VCE=5.0V, IC=100mA
75
fT
VCE=5.0V, IC=10mA, f=100MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
25
pF
MATCHING CHARACTERISTICS:
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
|VBE1-VBE2|
VCE=5.0V, IC=1.0µA
10
mV
|VBE1-VBE2|
VCE=5.0V, IC=5.0µA
10
mV
|VBE1-VBE2|
VCE=5.0V, IC=10µA
10
mV
|VBE1-VBE2|
VCE=5.0V, IC=100µA
10
mV
APPLICATIONS:
• Small signal general purpose amplifiers
FEATURES:
• Transistor pair matched for VBE(ON)
• Device is Halogen Free by design
SOT-563 CASE
R1 (20-January 2010)
www.centra lsemi.com


Similar Part No. - CMLT8099M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT8099M CENTRAL-CMLT8099M_15 Datasheet
609Kb / 3P
SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
More results

Similar Description - CMLT8099M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT5089M10 CENTRAL-CMKT5089M10 Datasheet
123Kb / 2P
SURFACE MOUNT ULTRAmini DUAL NPN SILICON MATCHED hFE TRANSISTORS
logo
Seme LAB
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
SILICON DUAL MATCHED NPN TRANSISTORS
logo
Central Semiconductor C...
CMKT5089M10 CENTRAL-CMKT5089M10_10 Datasheet
498Kb / 2P
SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMLT5087EM CENTRAL-CMLT5087EM Datasheet
751Kb / 2P
SURFACE MOUNT DUAL, MATCHED PNP SILICON TRANSISTORS
CMLT5088EM CENTRAL-CMLT5088EM Datasheet
685Kb / 2P
SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_15 Datasheet
498Kb / 2P
SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMLT5088EM CENTRAL-CMLT5088EM_15 Datasheet
616Kb / 3P
SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
CMLT8099M CENTRAL-CMLT8099M_15 Datasheet
609Kb / 3P
SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
CMXT2222A CENTRAL-CMXT2222A_15 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
SILICON DUAL MATCHED NPN TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com