Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM20-2-AC1-R-C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # ACM20-2-AC1-R-C
Description  Four-Function AC Power Meters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ACM20-2-AC1-R-C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  ACM20-2-AC1-R-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ACM20-2-AC1-R-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ACM20-2-AC1-R-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ACM20-2-AC1-R-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ACM20-2-AC1-R-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ACM20-2-AC1-R-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
When the continuous auto-cycling mode is initially selected, the unit
will briefly display ‘Auto On’ before continuous cycling begins. Mo-
mentarily touching the ‘SEL’ button again will cause the unit to briefly
display ‘Auto OFF’ before it returns to the fixed VOLTS reading mode.
3. Calibration: Due their digital design, ACM20 power meters cannot be
calibrated in the field. ACM20 power meters are factory-calibrated to
meet their specified accuracies with the supplied L1 current trans-
former. Use of any other current transformer will produce significant
errors for the Amps, Watts, and Power Factor measurements.
Contact Murata Power Solutions if additional information is required
regarding calibration, setup, or any other technical issue pertaining to
ACM20 power meters.
4. Wiring: All power supply wiring must be rated for the voltages and
currents they will carry and must comply with any code or applica-
tion-mandated requirements pertaining to the user’s specific installa-
tion.
5. Supply Fusing, and Grounding: Wires specified in the Functional
Specifications section must be used for making connections to
ACM20 series power meters. No connection is required for earth/
chassis ground.
ACM20 series power meters are not internally fused. Terminal block
TB1 is to be used only for powering the power meter's internal circuitry;
it must not be used to supply power to external loads. The supply wires
feeding these power meters must be fused with a 0.5A/250V time
delay/time lag fuse, in accordance with applicable regulatory codes.
TYPICAL WIRING DIAGRAMS
H
N
B
B
A
A
A
TB1
120 Vac (50/60 Hz)
120 V
LOAD
Epoxy encapsulation
Polarity dot on bottom
Fuse*
Figure 1. Wiring diagram for 110/120V single phase systems
Wire insulation must be stripped to within ±10% of the stated dimen-
sions, and wires should be inserted into TB1 such that their insulation
is not pinched by the screw terminal.
6. Current Transformer Polarity: In order to perform accurate Watts
and Power Factor measurements, connections to the two rear power
supply inputs, TB1-A and TB1-B, and built-in current transformer L1
must have the proper polarity. That is, the load current flowing in the
wire passing through L1's center hole must have the same polarity as
the line voltage connected to TB1-A and TB1-B.
The wiring diagrams in Figures 1-4 ensure that, for a purely resistive
load, current flowing in current transformer L1’s primary circuit will
have the same polarity as the applied voltage at TB1. If proper polarity
is not followed, the Watts and Power Factor readings will be zero. To
correct a zero Watts reading, simply reverse the direction of the load
wire passing through the hole in L1.
7. Connector Torque Ratings: It is important to tighten TB1’s, screw-
terminals to their rated torque specification of 3.6 pound-inches
(0.4Nm). Proper tightening will minimize connector losses and ensure
safe, reliable operation.
8. Isolation: Except for the 2-56 thread metallic mounting studs, all of
the ACM20 power meter’s internal components (printed circuit board,
resistor, capacitors, current transformer L1’s secondary leads, etc.)
are at the ac-mains potential connected to TB1. ACM20 power meters
are designed to measure and be powered from one ac power-source
only. Any other connection schemes will introduce significant mea-
surement errors.
Note: If the ACM20 displays zero Watts with
power applied to the load, reverse the direction
of the wire passing through the CT's center hole.
See Technical Note 6 for more information.
*See technical note 5.
ACM20 Series
Four-Function AC Power Meters
www.murata-ps.com/dpm
email: sales@murata-ps.com
03 Mar 2011
MPM_ACM20 Series.A09 Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com