Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPD2003C Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPD2003C
Description  SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2003C Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPD2003C Datasheet HTML 1Page - Central Semiconductor Corp CMPD2003C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPD2003
CMPD2004
CMPD2003A
CMPD2004A
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
SURFACE MOUNT
HIGH VOLTAGE
SILICON SWITCHING DIODE
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
CMPD2003
CMPD2004
CMPD2003A
CMPD2004A
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
IR
VR=200V
-
100
-
-
nA
IR
VR=200V, TA=150°C
-
100
-
-
μA
IR
VR=240V
-
-
-
100
nA
IR
VR=240V, TA=150°C
-
-
-
100
μA
BVR
IR=100μA
250
-
300
-
V
VF
IF=100mA
-
1.0
-
1.0
V
VF
IF=200mA
-
1.25
-
-
V
CT
VR=0, f=1.0MHz
-
5.0
-
5.0
pF
trr
IR=IF=30mA, RL=100Ω, Rec. to 3.0mA
-
50
-
50
ns
SOT-23 CASE - MECHANICAL OUTLINE
MARKING CODE: SEE PREVIOUS PAGE
LEAD CODE:
LEAD CODE:
LEAD CODE:
LEAD CODE:
1) Anode
1) Cathode D2
1) Anode D2
1) Anode D2
2) No Connection
2) Cathode D1
2) Anode D1
2) Cathode D1
3) Cathode
3) Anode D1, D2
3) Cathode D1, D2
3) Anode D1, Cathode D2
CMPD2003
CMPD2004
CMPD2003A
CMPD2004A
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
PIN CONFIGURATIONS
www.centralsemi.com
R9 (25-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com