Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPD3003 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD3003
Description  SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD3003 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD3003 Datasheet HTML 1Page - Central Semiconductor Corp CMPD3003 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPD3003
CMPD3003A
CMPD3003C
CMPD3003S
SURFACE MOUNT
LOW LEAKAGE
SILICON SWITCHING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPD3003 series
types are silicon switching diodes manufactured by the
epitaxial planar process, designed for switching appli-
cations requiring an extremely low leakage diode.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
180
V
Average Forward Current
IO
200
mA
Continuous Forward Current
IF
600
mA
Peak Repetitive Forward Current
IFRM
700
mA
Peak Forward Surge Current, tp=1.0µs
IFSM
2.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=125V
1.0
nA
IR
VR=125V, TA=150°C
3.0
µA
IR
VR=180V
10
nA
IR
VR=180V, TA=150°C
5.0
µA
BVR
IR=5.0µA
200
V
VF
IF=1.0mA
0.62
0.72
V
VF
IF=10mA
0.72
0.83
V
VF
IF=50mA
0.80
0.89
V
VF
IF=100mA
0.83
0.93
V
VF
IF=200mA
0.87
1.10
V
VF
IF=300mA
0.90
1.15
V
CT
VR=0, f=1.0MHz
4.0
pF
The following configurations are available:
CMPD3003
SINGLE
MARKING CODE: LLO
CMPD3003A
DUAL, COMMON ANODE
MARKING CODE: LLA
CMPD3003C
DUAL, COMMON CATHODE
MARKING CODE: LLC
CMPD3003S
DUAL, IN SERIES
MARKING CODE: LLS
SOT-23 CASE
R4 (25-January 2010)
www.centra lsemi.com


Similar Part No. - CMPD3003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD3003 CENTRAL-CMPD3003 Datasheet
110Kb / 2P
CURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMPD3003 CENTRAL-CMPD3003 Datasheet
648Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMPD3003A CENTRAL-CMPD3003A Datasheet
110Kb / 2P
CURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMPD3003A CENTRAL-CMPD3003A Datasheet
648Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMPD3003C CENTRAL-CMPD3003C Datasheet
110Kb / 2P
CURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
More results

Similar Description - CMPD3003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDD3003 CENTRAL-CMDD3003_10 Datasheet
366Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_10 Datasheet
367Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMOD3003 CENTRAL-CMOD3003_10 Datasheet
343Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMOD6001 CENTRAL-CMOD6001_10 Datasheet
344Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
546Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_11 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMOD3003 CENTRAL-CMOD3003_15 Datasheet
493Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMPD3003 CENTRAL-CMPD3003_15 Datasheet
648Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMAD6001 CENTRAL-CMAD6001_15 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com