Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPF5484 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPF5484
Description  SURFACE MOUNT N-CHANNEL SILICON JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPF5484 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPF5484 Datasheet HTML 1Page - Central Semiconductor Corp CMPF5484 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPF5484
CMPF5485
CMPF5486
SURFACE MOUNT
N-CHANNEL
SILICON JFET
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPF5484
CMPF5485
CMPF5486
SYMBOL TEST CONDITIONS
MIN
MAX
MIN MAX
MIN MAX
UNITS
NF
VDS=15V, VGS=0, RG=1MΩ, f=1.0KHz
-
2.5
-
2.5
-
2.5
dB
NF
VDS=15V, ID=1.0mA, RG=1KΩ, f=100MHz -
3.0
-
-
-
-
dB
NF
VDS=15V, ID=1.0mA, RG=1KΩ, f=200MHz -
4.0TYP
-
-
-
-
dB
NF
VDS=15V, ID=4.0mA, RG=1KΩ, f=100MHz -
-
-
2.0
-
2.0
dB
NF
VDS=15V, ID=4.0mA, RG=1KΩ, f=400MHz -
-
-
4.0
-
4.0
dB
GPS
VDS=15V, ID=1.0mA, f=100MHz
16
25
-
-
-
-
dB
GPS
VDS=15V, ID=1.0mA, f=200MHz
-
14 TYP
-
-
-
-
dB
GPS
VDS=15V, ID=4.0mA, f=100MHz
-
-
18
30
18
30
dB
GPS
VDS=15V, ID=4.0mA, f=400MHz
-
-
10
20
10
20
dB
LEAD CODE:
1) Drain
2) Source
3) Gate
MARKING CODES:
CMPF5484: 6B
CMPF5485: 6B1
CMPF5486: 6H
SOT-23 CASE - MECHANICAL OUTLINE
www.centralsemi.com
R5 (27-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com