Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPF5485 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPF5485
Description  SURFACE MOUNT N-CHANNEL SILICON JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPF5485 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPF5485 Datasheet HTML 1Page - Central Semiconductor Corp CMPF5485 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPF5484
CMPF5485
CMPF5486
SURFACE MOUNT
N-CHANNEL
SILICON JFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPF5484 Series
types are surface mount, N-Channel JFETs designed
for RF amplifier and mixer applications. These devices
will operate well in the VHF/UHF frequency range.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Gate-Drain Voltage
VGD
25
V
Gate-Source Voltage
VGS
25
V
Drain Current
ID
30
mA
Gate Current
IG
10
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPF5484
CMPF5485
CMPF5486
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN MAX
MIN MAX
UNITS
IGSS
VGS=20V
-
1.0
-
1.0
-
1.0
nA
IGSS
VGS=20V, TA=100°C
-
0.2
-
0.2
-
0.2
μA
IDSS
VDS=15V
1.0
5.0
4.0
10
8.0
20
mA
BVGSS
IG=1.0μA
25
-
25
-
25
-
V
VGS(off)
VDS=15V, ID=10nA
0.3
3.0
0.5
4.0
2.0
6.0
V
gFS
VDS=15V, VGS=0, f=1.0KHz
3.0
6.0
3.5
7.0
4.0
8.0
mS
Yos
VDS=15V, VGS=0, f=1.0KHz
-
50
-
60
-
75
μS
Ciss
VDS=15V, VGS=0, f=1.0MHz
-
5.0
-
5.0
-
5.0
pF
Coss
VDS=15V, VGS=0, f=1.0MHz
-
2.0
-
2.0
-
2.0
pF
Crss
VDS=15V, VGS=0, f=1.0MHz
-
1.0
-
1.0
-
1.0
pF
Re(yis)
VDS=15V, VGS=0, f=100MHz
-
100
-
-
-
-
μS
Re(yis)
VDS=15V, VGS=0, f=400MHz
-
-
-
1.0
-
1.0
mS
Re(yos)
VDS=15V, VGS=0, f=100MHz
-
75
-
-
-
-
μS
Re(yos)
VDS=15V, VGS=0, f=400MHz
-
-
-
100
-
100
μS
Re(yis)
VDS=15V, VGS=0, f=100MHz
2.5
-
-
-
-
-
mS
Re(yis)
VDS=15V, VGS=0, f=400MHz
-
-
3.0
-
3.5
-
mS
MARKING CODES:
CMPF5484: 6B
CMPF5485: 6B1
CMPF5486: 6H
SOT-23 CASE
R5 (27-January 2010)
www.centra lsemi.com


Similar Part No. - CMPF5485

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPF5485 CENTRAL-CMPF5485 Datasheet
133Kb / 2P
N-CHANNEL JFET
CMPF5485 CENTRAL-CMPF5485 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL JFET
More results

Similar Description - CMPF5485

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPFJ174 CENTRAL-CMPFJ174 Datasheet
59Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
CMPFJ310 CENTRAL-CMPFJ310 Datasheet
52Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL JFET
CMPF4391 CENTRAL-CMPF4391_10 Datasheet
333Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF4416A CENTRAL-CMPF4416A_10 Datasheet
328Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF5460 CENTRAL-CMPF5460 Datasheet
63Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
CMPF4391-3 CENTRAL-CMPF4391-3 Datasheet
333Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF4416A CENTRAL-CMPF4416A_15 Datasheet
328Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF5460 CENTRAL-CMPF5460_15 Datasheet
63Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
CMPF5484 CENTRAL-CMPF5484_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL JFET
CMPFJ310 CENTRAL-CMPFJ310_15 Datasheet
53Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com