Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPS5064 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPS5064
Description  SURFACE MOUNT SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPS5064 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPS5064 Datasheet HTML 1Page - Central Semiconductor Corp CMPS5064 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPS5061
CMPS5062
CMPS5063
CMPS5064
SURFACE MOUNT
SILICON CONTROLLED RECTIFIER
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPS5061 Series
types are epoxy molded PNPN Silicon Controlled
Rectifiers manufactured in an SOT-23 case, designed
for control systems and sensing circuit applications.
MARKING CODE: CMPS5061: P2A
CMPS5062: P2B
CMPS5063: P2C
CMPS5064: P2D
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL CMPS5061 CMPS5062
CMPS5063 CMPS5064 UNITS
Peak Repetitive Off-State Voltage
VDRM
100
200
300
400
V
Peak Repetitive Reverse Voltage
VRRM
100
200
300
400
V
RMS On-State Current
IT(RMS)
0.25
A
Average On-State Current
IT(AV)
0.16
A
Power Dissipation
PD
350
mW
Operating Junction Temperature
TJ
-65 to +125
°C
Storage Temperature
Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
286
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX MIN MAX UNITS
IDRM
VD=Rated VDRM, RGK=1.0KΩ
-
1.0
-
1.0
-
1.0
-
1.0
μA
IRRM
VD=Rated VDRM, RGK=1.0KΩ
-
1.0
-
1.0
-
1.0
-
1.0
μA
IDRM
VD=Rated VDRM, RGK=1.0KΩ, TC=125°C
-
50
-
50
-
50
-
50
μA
IRRM
VD=Rated VDRM, RGK=1.0KΩ, TC=125°C
-
50
-
50
-
50
-
50
μA
VTM
IT=1.2A
-
1.7
-
1.7
-
1.7
-
1.7
V
IGT
VD=7.0V, RL=100Ω
-
200
-
200
-
200
-
200
μA
VGT
VD=7.0V, RL=100Ω
-
0.8
-
0.8
-
0.8
-
0.8
V
VGD
VD= Rated VDRM, RL=100Ω, TC=125°C
0.1
-
0.1
-
0.1
-
0.1
-
V
IH
RGK=1.0KΩ
-
5.0
-
5.0
-
5.0
-
5.0
mA
ton
VD= Rated VDRM, IGT=1.0mA,
RGK=1.0KΩ, di/dt=6.0A/μs
2.8 TYP
2.8 TYP
2.8 TYP
2.8 TYP
μs
CMPS5061 CMPS5062 CMPS5063 CMPS5064
R10 (11-February 2011)
www.centra lsemi.com


Similar Part No. - CMPS5064

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPS5064 CENTRAL-CMPS5064 Datasheet
225Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CMPS5064 CENTRAL-CMPS5064 Datasheet
116Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CMPS5064 CENTRAL-CMPS5064 Datasheet
329Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
More results

Similar Description - CMPS5064

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPS5061 CENTRAL-CMPS5061 Datasheet
225Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CMCS5062 CENTRAL-CMCS5062 Datasheet
84Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CTLS5064-M532 CENTRAL-CTLS5064-M532 Datasheet
435Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CMPS5061 CENTRAL-CMPS5061 Datasheet
116Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CTLS5064-M532 CENTRAL-CTLS5064-M532_10 Datasheet
537Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CZS5064 CENTRAL-CZS5064_10 Datasheet
370Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CMPS5061 CENTRAL-CMPS5061 Datasheet
329Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CSDD-8B CENTRAL-CSDD-8B Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CSDD-12B CENTRAL-CSDD-12B Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CZS5064 CENTRAL-CZS5064 Datasheet
370Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com