Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT4045C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT4045C
Description  Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT4045C Datasheet(HTML) 2 Page - Vishay Siliconix

  VT4045C Datasheet HTML 1Page - Vishay Siliconix VT4045C Datasheet HTML 2Page - Vishay Siliconix VT4045C Datasheet HTML 3Page - Vishay Siliconix VT4045C Datasheet HTML 4Page - Vishay Siliconix VT4045C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89351
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 30-Nov-10
VT4045C, VIT4045C
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.41
-
V
IF = 10 A
0.44
-
IF = 20 A
0.50
0.58
IF = 5 A
TA = 125 °C
0.28
-
IF = 10 A
0.33
-
IF = 20 A
0.41
0.50
Reverse current per diode
VR = 45 V
TA = 25 °C
IR (2)
-
3000
μA
TA = 125 °C
18
50
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT4045C
VIT4045C
UNIT
Typical thermal resistance
per diode
RθJC
1.5
°C/W
per device
0.8
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT4045C-M3/4W
1.89
4W
50/tube
Tube
TO-262AA
VIT4045C-M3/4W
1.46
4W
50/tube
Tube
Case Temperature (°C)
45
25
20
15
5
0
100
110
120
130
140
150
10
35
30
40
0
6
8
10
12
04
8
12
20
24
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
16
D = t
p/T
t
p
T
2
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com