Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3672-USB Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY3672-USB
Description  200 MHz Field Programmable Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor CY3672-USB Datasheet HTML 12Page - Cypress Semiconductor CY3672-USB Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY23FP12
Document #: 38-07246 Rev. *G
Page 9 of 15
Switching Waveforms
Figure 3. Duty Cycle Timing
Figure 4. All Outputs Rise/Fall Time
TTB
Total timing budget,[8,9]
Bank A and B same
frequency
Outputs at 200 MHz, tracking skew not
included
–
–
650
ps
Total timing budget, Bank A
and B different frequency
–
–
850
t5
Output to output skew[5]
All outputs equally loaded
–
35[10]
200
ps
Bank to bank skew
Same frequency
–
–
200
Bank to bank skew
Different frequency
–
–
400
Bank to bank skew
Different voltage, same frequency
–
–
400
t6
Input to output skew (static
phase offset)[5]
Measured at VDD/2, REF to FBK
–
0
250
ps
t7
Device-to-device skew[5]
Measured at VDD/2
–
0
500
ps
tJ
Cycle-to-cycle jitter[5]
(Peak)
Banks A and B at same frequency
–
110[11]
200
ps
Cycle-to-cycle jitter[5]
(Peak)
Banks A and B at different frequencies
–
–
400
tTSK
Tracking skew
Input reference clock at < 50-KHz modulation
with ±3.75% spread
–
–
200
ps
tLOCK
PLL lock time[5]
Stable power supply, valid clock at REF
–
–
1.0
ms
tLD
Inserted loop delay
Max loop delay for PLL Lock (stable
frequency)
––
7
ns
Max loop delay to meet Tracking Skew Spec
–
–
4
ns
Switching Characteristics [5]
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
Notes
8. Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect these parameters.
9. TTB is the window between the earliest and the latest output clocks with respect to the input reference clock across variations in output frequency, supply voltage,
operating temperature, input clock edge rate, and process. The measurements are taken with the AC test load specified and include output-output skew, cycle-cycle
jitter, and dynamic phase error.TTB will be equal to or smaller than the maximum specified value at a given frequency.
10. Same frequency, 15pF load, high drive.
11. Same frequency, 15pF load, low drive.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com