Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY23FS08 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY23FS08
Description  Failsafe??2.5 V/3.3 V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY23FS08 Datasheet HTML 1Page - Cypress Semiconductor CY23FS08 Datasheet HTML 2Page - Cypress Semiconductor CY23FS08 Datasheet HTML 3Page - Cypress Semiconductor CY23FS08 Datasheet HTML 4Page - Cypress Semiconductor CY23FS08 Datasheet HTML 5Page - Cypress Semiconductor CY23FS08 Datasheet HTML 6Page - Cypress Semiconductor CY23FS08 Datasheet HTML 7Page - Cypress Semiconductor CY23FS08 Datasheet HTML 8Page - Cypress Semiconductor CY23FS08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY23FS08
Failsafe™ 2.5 V/3.3 V Zero Delay Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-07518 Rev. *F
Revised January 7, 2011
Features
■ Internal DCXO for continuous glitch-free operation
■ Zero input-output propagation delay
■ 100 ps typical output cycle-to-cycle jitter
■ 110 ps typical output-output skew
■ 1 MHz to 200 MHz reference input
■ Supports industry standard input crystals
■ 200 MHz (commercial), 166 MHz (industrial) outputs
■ 5 V-tolerant inputs
■ Phase-locked loop (PLL) bypass mode
■ Dual reference inputs
■ 28-pin SSOP
■ Split 2.5 V or 3.3 V output power supplies
■ 3.3 V core power supply
■ Industrial temperature available
Functional Description
The CY23FS08 is a FailSafe™ Zero Delay Buffer with two
reference clock inputs and eight phase-aligned outputs. The
device provides an optimum solution for applications where
continuous operation is required in the event of a primary clock
failure.
Continuous, glitch-free operation is achieved by using a DCXO,
which serves as a redundant clock source in the event of a
reference clock failure by maintaining the last frequency and
phase information of the reference clock.
The unique feature of the CY23FS08 is that the DCXO is in fact
the
primary
clocking
source,
which
is
synchronized
(phase-aligned) to the external reference clock. When this
external
clock
is
restored,
the
DCXO
automatically
resynchronizes to the external clock.
The frequency of the crystal connected to the DCXO, must be
chosen to be an integer factor of the frequency of the reference
clock. This factor is set by four select lines: S[4:1]. see Table 2.
The CY23FS08 has three split power supplies; one for core,
another for Bank A outputs, and the third for Bank B outputs.
Each output power supply, except VDDC can be connected to
either 2.5 V or 3.3 V. VDDC is the power supply pin for internal
circuits and must be connected to 3.3 V.
CLKA[1:4]
CLKB[1:4]
DCXO
Decoder
4
FailsafeTM
Block
PLL
XIN XOUT
4
4
REF2
FBK
S[4:1]
FAIL# /SAFE
REF1
REFSEL
Logic Block Diagram
[+] Feedback


Similar Part No. - CY23FS08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS08 CYPRESS-CY23FS08 Datasheet
238Kb / 12P
Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08 Datasheet
271Kb / 12P
Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
FailSafe??1.8V Zero Delay Buffer
CY23FS08OC CYPRESS-CY23FS08OC Datasheet
238Kb / 12P
Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS08OC CYPRESS-CY23FS08OC Datasheet
271Kb / 12P
Failsafe??2.5V/ 3.3V Zero Delay Buffer
More results

Similar Description - CY23FS08

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
3.3 V Zero Delay Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
3.3 V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_12 Datasheet
456Kb / 15P
Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
3.3 V Zero Delay Buffer
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Cypress Semiconductor
CY23FS04-3 CYPRESS-CY23FS04-3 Datasheet
458Kb / 13P
Failsafe??2.5 V/3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com