Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT2222A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPT2222A
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT2222A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPT2222A_10 Datasheet HTML 1Page - Central Semiconductor Corp CMPT2222A_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPT2222A
SURFACE MOUNT
NPN SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
kΩ
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
kΩ
hre
VCE=10V, IC=1.0mA, f=1.0kHz
8.0
X10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
4.0
X10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
μS
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
μS
rb’Cc
VCB=10V, IE=20mA, f=31.8MHz
150
ps
NF
VCE=10V,IC=100μA, RS =1.0KΩ, f=1.0kHz
4.0
dB
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
25
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
60
ns
LEAD CODE:
1) Base
2) Emitter
3) Collector
MARKING CODE: C1P
SOT-23 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R5 (1-February 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com