Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT5087 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT5087
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT5087 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT5087 Datasheet HTML 1Page - Central Semiconductor Corp CMPT5087 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT5086
CMPT5087
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT5086 and
CMPT5087 are PNP silicon transistors manufactured
by the epitaxial planar process, epoxy molded in a
surface mount package, designed for applications
requiring high gain and low noise.
MARKING CODES: CMPT5086: C2P
CMPT5087: C2Q
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
3.0
V
Continuous Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPT5086
CMPT5087
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=10V
-
10
-
10
nA
ICBO
VCB=35V
-
50
-
50
nA
BVCBO
IC=100μA
50
-
50
-
V
BVCEO
IC=1.0mA
50
-
50
-
V
BVEBO
IE=100μA
3.0
-
3.0
-
V
VCE(SAT)
IC=10mA, IB=1.0mA
-
0.30
-
0.30
V
VBE(SAT)
IC=10mA, IB=1.0mA
-
0.85
-
0.85
V
hFE
VCE=5.0V, IC=0.1mA
150
500
250
800
hFE
VCE=5.0V, IC=1.0mA
150
-
250
-
hFE
VCE=5.0V, IC=10mA
150
-
250
-
fT
VCE=5.0V, IC=500μA, f=20MHz
40
-
40
-
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
-
4.0
-
4.0
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
150
600
250
900
NF
VCE=5.0V, IC=20mA, RS=10kΩ,
f=10Hz to 15.7kHz
-
3.0
-
2.0
dB
NF
VCE=5.0V, IC=100μA, RS=3.0kΩ, f=1.0kHz
-
3.0
-
2.0
dB
SOT-23 CASE
R5 (1-February 2010)
www.centra lsemi.com


Similar Part No. - CMPT5087

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5087 CENTRAL-CMPT5087 Datasheet
78Kb / 2P
PNP SILICON TRANSISTOR
CMPT5087 CENTRAL-CMPT5087 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5087E CENTRAL-CMPT5087E Datasheet
132Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E Datasheet
335Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E Datasheet
335Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMPT5087

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com