Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT992 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT992
Description  SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT992 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT992 Datasheet HTML 1Page - Central Semiconductor Corp CMPT992 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT992
CMPT992P
CMPT992F
CMPT992E
SURFACE MOUNT PNP LOW NOISE
SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT992 types
are PNP silicon low noise transistors manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for low noise amplifier
applications where a high BVCEO is required.
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
110
V
Collector-Emitter Voltage
VCEO
110
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IEBO
VEB=5.0V
30
nA
BVCBO
IC=100μA
110
V
BVCEO
IC=1.0mA
110
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.30
V
VBE(ON)
VCE=6.0V, IC=1.0mA
0.55
0.65
V
fT
VCE=6.0V, IC=1.0mA
50
MHz
Cob
VCB=30V, IE=0, f=1.0MHz
3.0
pF
NF
VCE=5.0V, IC=100μA, RS=10kΩ,
f=10Hz to 15.7KHz
3.0
dB
CMPT992
CMPT992P
CMPT992F
CMPT992E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=6.0V, IC=100μA
150
-
150
-
150
-
150
-
hFE
VCE=6.0V, IC=1.0mA
200
800
200
400
300
600
400
800
SOT-23 CASE
R2 (1-February 2010)
www.centra lsemi.com


Similar Part No. - CMPT992

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT992 CENTRAL-CMPT992 Datasheet
112Kb / 2P
PNP SILICON LOW NOISE TRANSISTOR
CMPT992 CENTRAL-CMPT992 Datasheet
329Kb / 2P
SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
CMPT992E CENTRAL-CMPT992E Datasheet
112Kb / 2P
PNP SILICON LOW NOISE TRANSISTOR
CMPT992E CENTRAL-CMPT992E Datasheet
329Kb / 2P
SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
CMPT992F CENTRAL-CMPT992F Datasheet
112Kb / 2P
PNP SILICON LOW NOISE TRANSISTOR
More results

Similar Description - CMPT992

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41411 HP-AT-41411 Datasheet
51Kb / 5P
Surface Mount Low Noise Silicon Bipolar Transistor Chip
logo
Leshan Radio Company
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
Low Noise Transistor(PNP Silicon)
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT992 CENTRAL-CMPT992 Datasheet
112Kb / 2P
PNP SILICON LOW NOISE TRANSISTOR
CMPT2484 CENTRAL-CMPT2484_10 Datasheet
329Kb / 2P
SURFACE MOUNT NPN LOW NOISE SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT7820G CENTRAL-CMLT7820G_15 Datasheet
446Kb / 3P
SURFACE MOUNT SILICON VERY LOW PNP TRANSISTOR
CMPT992 CENTRAL-CMPT992_15 Datasheet
329Kb / 2P
SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
CMPT2484 CENTRAL-CMPT2484_15 Datasheet
329Kb / 2P
SURFACE MOUNT NPN LOW NOISE SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com