Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2719 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2719
Description  Low Noise, High-Speed Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2719 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2719 Datasheet HTML 2Page - New Japan Radio NJM2719 Datasheet HTML 3Page - New Japan Radio NJM2719 Datasheet HTML 4Page - New Japan Radio NJM2719 Datasheet HTML 5Page - New Japan Radio NJM2719 Datasheet HTML 6Page - New Japan Radio NJM2719 Datasheet HTML 7Page - New Japan Radio NJM2719 Datasheet HTML 8Page - New Japan Radio NJM2719 Datasheet HTML 9Page - New Japan Radio NJM2719 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2719
- 7 -
Ver.2011-02-04
Maximum Output Voltage vs.
Load Resistance (Temperature)
-3
-2
-1
0
1
2
3
10
100
1000
10000
Load Resistance [Ω]
V
+/V-=±2.5V,V
IN=±0.2V
Ta=-40°C
Ta=85°C
Ta=25°C
Maximum Output Voltage vs.
Supply Voltage (Temperature)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
012
3456
Supply Voltage [±V]
VIN=±0.2V,RL=1kΩ
Ta=-40°C
Ta=85°C
Ta=25°C
Ta=85°C
Ta=25°C
Ta=-40°C
Maximum Output Voltage vs.
Output Current (Temperature)
-3
-2
-1
0
1
2
3
0
1020
30
4050
Output Current [mA]
V
+/V-=±2.5V,V
IN=±0.2V
Ta=85°C
Ta=25°C
Ta=85°C
Ta=25°C
Ta=-40°C
Maximum Output Voltage vs.
Output Current (Temperature)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1020
304050
Output Current [mA]
V
+/V-=±5V,V
IN=±0.2V
Ta=85°C
Ta=85°C
Ta=25°C
Ta=-40°C
Input Offset Voltage vs. Temperature
VICM=0V
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
125
Temperature [°C]
V
+/V-=±2.5V
V
+/V-=±5V
Input Offset Voltage vs. Input Common-mode
Voltage (Temperature)
V
+/V-=±2.5V
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Input Common-mode Voltage [V]
Ta=-40°C
Ta=25°C
Ta=85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com