Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2842 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2842
Description  Very Low Output Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2842 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2842 Datasheet HTML 3Page - New Japan Radio NJM2842 Datasheet HTML 4Page - New Japan Radio NJM2842 Datasheet HTML 5Page - New Japan Radio NJM2842 Datasheet HTML 6Page - New Japan Radio NJM2842 Datasheet HTML 7Page - New Japan Radio NJM2842 Datasheet HTML 8Page - New Japan Radio NJM2842 Datasheet HTML 9Page - New Japan Radio NJM2842 Datasheet HTML 10Page - New Japan Radio NJM2842 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJM2842
- 7 -
Ver.2011-02-18
-50
-40
-30
-20
-10
0
0
250
500
750
1000
1250
1500
Output Current : Io(mA)
NJM2842_1.2V
Load Regulation vs. Output Current
@:Ta=25
o
C
Vin=2.2V
Vbias=2.5V
Cin=Co=4.7uF(Ceramic)
Cbias=1uF(Ceramic)
0
500
1000
1500
2000
2500
3000
01
23
45
67
NJM2842_1.2V
Peak Output Current vs. Input Voltage
@:Ta=25
o
C
VBIAS=2.5V
Cin=Co=4.7uF(Ceramic)
Cbias=0.1uF(Ceramic)
Input Voltage : V IN(V)
0
2
4
6
8
10
0
1
23
45
67
NJM2842_1.2V
Quiescent Current v.s. Input Voltage
@:Ta=25
o
C
Vbias=CNT=2.5V
Output is open.
Cin=Co=4.7uF(Ceramic)
Cbias=0.1uF
(Ceramic)
Input Voltage : V IN(V)
0
200
400
600
800
1000
01
2
3
45
6
7
NJM2842_1.2V
Quiescent Current v.s. Input Voltage
@:Ta=25
o
C
Vin=2.2V
Vcnt=1.6V
Output is open.
Cin=Co=4.7uF(Ceramic)
Cbias=0.1uF
(Ceramic)
Input Voltage : V BIAS(V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
200
400
600
800
1000
1200
Output Current:Io(mA)
@:Ta=25
o
C
Vbias=2.5V
Cin=Co=4.7uF(Ceramic)
Cbias=1uF(Ceramic)
NJM2842_1.2V
Dropout Voltage vs. Output Current
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
1000
Output Current : Io(mA)
NJM2842_1.2V
Output Noise Voltage vs. Output Current
@:Ta=25
o
C
VIN=2.2V
VBIAS=CNT=2.5V
Cin=Co=4.7uF
Cbias=0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com