Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT424005 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT424005
Description  Power PCB Relay RT2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT424005 Datasheet(HTML) 2 Page - Tyco Electronics

  RT424005 Datasheet HTML 1Page - Tyco Electronics RT424005 Datasheet HTML 2Page - Tyco Electronics RT424005 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power PCB Relay RT2 (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
2 CO contacts
2 NO contacts
S0418-CA
S0163-BJ
S0163-BK
Dimensions
S0272-BA
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.
Coil versions, AC-coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50 Hz
50 Hz
50 Hz
VAC
VAC
VAC
c
VA
524
24
18.0
3.6
350+10%
0.76
615
115
86.3
17.3
8100+15%
0.76
700
200
150.0
30.0
24350+15%
0.76
730
230
172.5
34.5
32500+15%
0.74
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
adjacent contact circuits
W 3 / 4 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Flammability class according to UL94
V-0
For WG version: GWFI to IEC 60335-1
> 850°C
GWT to IEC 60335-1 current w 0,2 A
> 650°C
current > 0,2 A
> 750°C
Ambient temperature range
-40...+70°C
Operate- / release time DC coil
typ 7 / 2 ms
Bounce time DC coil NO / NC contact
typ 1 / 3 ms
Vibration resistance (function) NO / NC contact
20 / 5 g, 30 ... 300 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof, RTIII - wash tight
Mounting
pcb or on socket
Mounting distance DC / AC coils
0 mm
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5 s
Relay weight
13 g
Packaging unit
20 / 500 pcs
Accessories
For details see datasheet
accessories RT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com