Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCD Datasheet(PDF) 1 Page - Tyco Electronics

Part # WCD
Description  WILMAR Protective Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WCD Datasheet(HTML) 1 Page - Tyco Electronics

  WCD Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
35
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
• ANSI/IEEE C37.90-1978
Current Differential Relays are used for the protec-
tion of transformers, motors and generators, by
comparing the magnitude of the current entering
and leaving the protected circuit. On a given phase
winding, any difference between the two currents
will indicate an internal fault; the relay will sense the
vectorial difference between the two currents of the
protected section and will initiate a quick disconnec-
tion of the unit, to prevent disastrous consequences.
The relay may also be used to protect internal faults
on transformers, such as: ground faults, shorted
winding, leakage between primary and secondary,
etc. It will sense and compare primary vs. secondary
currents, once the turns ratio has been taken into
consideration.
Operation:
With control voltage applied, the output contacts
(shown in the de-energized position) will remain de-
energized as long as the difference between the two
input currents remains below the preset trip value.
The contact will transfer to the engerized position
when the current difference exceeds the trip value.
Current Differential Relay
PRODUCT SPECIFICATIONS
Sample Part No.
WCD-230AC-1-A
Type:
WCD - Close Differential
Control Voltage VAC
& VDC
120AC
208AC
230AC
380AC
416AC
460AC
525AC
575AC
Trip Adjustment Range
.5 = 0.1 amp to 0.5 amp
1 = 0.2 amp to 1.0 amp
2 = 0.4 amp to 2.0 amp
Options
A = Two normally open contacts
B = Two normally closed contacts
H = Contacts rated 3 amp at 125 VDC
P = Transient protection is provided in compliance
with ANSI/IEEE C37.90-1978
Consult factory for additional models.
PART NUMBER SELECTION
Notes:
1.
Remove black screws for access to the trip adjustments.
2.
Clockwise rotation of the adjustment potentiometer will raise the current differential trip point.
3.
The output contacts are shown de-energized.
PART NUMBER SELECTION
Part Number
Line Current .....................................
Control Voltage ................................
Differential Trip Point .......................
Operating Temperature ....................
Burden ..............................................
Output Contacts ...............................
Contact Ratings ................................
WCD Series
Single Phase, AC current, 50-400 Hz Direct or from CT
5 amp continuously
20 amp 30 seconds
200 amp, 0.10 seconds
See Part Number Selection
Screwdriver adjustable.
See Part Number Selection
-40oC to +75oC
Current input: 2.5 VA max.
Control voltage DC: 2 W max.
AC: 2 VA max.
One set, N.O., One set N..C.
5 amp resistive at 120 VAC or 28 VDC
25DC
48DC
125DC
87
.172 DIA.
4 MTG. HOLES
3
3
7
/8
4
5
/8
TERMINAL STRIPS
#6 - 32 SCREWS
WILMAR™ Protective Relays – WCD Series
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - WCD

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WCD AITSEMI-WCD Datasheet
277Kb / 5P
CHIP INDUCTOR
logo
Tyco Electronics
WCD-1520 MACOM-WCD-1520 Datasheet
5Mb / 85P
tyco electronics contents
WCD-1520 MACOM-WCD-1520 Datasheet
84Kb / 2P
Write-On Self-Laminating Dispensers
WCD-318 MACOM-WCD-318 Datasheet
5Mb / 85P
tyco electronics contents
WCD-318 MACOM-WCD-318 Datasheet
84Kb / 2P
Write-On Self-Laminating Dispensers
More results

Similar Description - WCD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20-000 MACOM-20-000 Datasheet
60Kb / 1P
WILMAR??Protective Relays- 20-000 Series
25-000 MACOM-25-000 Datasheet
63Kb / 1P
WILMAR??Protective Relays - 25-000 Series
250X MACOM-250X Datasheet
72Kb / 1P
WILMAR??Protective Relays - 250 Series, Over/Undervoltage
710X MACOM-710X Datasheet
83Kb / 1P
WILMAR??Protective Relays - 700 Series
900-3X MACOM-900-3X Datasheet
60Kb / 1P
WILMAR??Protective Relays - 900 Series
1001 MACOM-1001 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
1800 MACOM-1800 Datasheet
79Kb / 2P
WILMAR??Protective Relays - 1800 Series
D100X MACOM-D100X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
WC1G-120AC MACOM-WC1G-120AC Datasheet
84Kb / 1P
WILMAR??Protective Relays ??WC1G Series - Grounded
WCT1-48DC-5-B MACOM-WCT1-48DC-5-B Datasheet
123Kb / 2P
WILMAR??Protective Relays ??WC1 & WCT1 Series, Overcurrent
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com