Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4180 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4180
Description  High Voltage Low current consumption Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4180 Datasheet(HTML) 7 Page - New Japan Radio

  NJW4180 Datasheet HTML 1Page - New Japan Radio NJW4180 Datasheet HTML 2Page - New Japan Radio NJW4180 Datasheet HTML 3Page - New Japan Radio NJW4180 Datasheet HTML 4Page - New Japan Radio NJW4180 Datasheet HTML 5Page - New Japan Radio NJW4180 Datasheet HTML 6Page - New Japan Radio NJW4180 Datasheet HTML 7Page - New Japan Radio NJW4180 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJW4180
- 7 -
Ver.2011-01-27
NJW4180 5.0V
Peak Output Current vs. Input Voltage
0
10
20
30
40
50
0
1020
3040
Input Voltage : Vin [V]
Ta = 25°C
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
NJW4180 5.0V
Line Regulation
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
7.5
12.5
17.5
22.5
27.5
32.5
37.5
Input Voltage : Vin [V]
Ta = 25°C
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
Io = 20mA
Io = 10mA
Io = 0mA
NJW4180 5.0V
Reverse Current vs. Output Voltage
0
10
20
30
40
50
60
70
80
024
6
Output Voltage : Vo [V]
Ta = 25°C
Vin = 0V
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
NJW4180 5.0V
Output Voltage vs. Temperature
4.9
4.95
5
5.05
5.1
5.15
5.2
-50
-25
0
25
50
75
100
125
Temperture : Ta [°C]
Vin = 7.5V
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
Io = 10mA
NJW4180 5.0V
Quiescent Current vs. Temperature
0
3
6
9
12
15
-50
0
50
100
150
Temperture : Ta [°C]
Vin = 7.5V
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
NJW4180 5.0V
Over Current Protection vs. Temperature
0
1
2
3
4
5
6
020
40
60
Output Current : Io [mA]
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
-50°C
100°C
25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com